Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC6333C Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FDC6333C
Szczegółowy opis  30V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6333C Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FDC6333C Datasheet HTML 1Page - Fairchild Semiconductor FDC6333C Datasheet HTML 2Page - Fairchild Semiconductor FDC6333C Datasheet HTML 3Page - Fairchild Semiconductor FDC6333C Datasheet HTML 4Page - Fairchild Semiconductor FDC6333C Datasheet HTML 5Page - Fairchild Semiconductor FDC6333C Datasheet HTML 6Page - Fairchild Semiconductor FDC6333C Datasheet HTML 7Page - Fairchild Semiconductor FDC6333C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FDC6333C Rev C (W)
Typical Characteristics: N-Channel (continued)
0
2
4
6
8
10
0
1
2
3
4
5
Qg, GATE CHARGE (nC)
ID = 2.5A
VDS = 5V
15V
10V
0
100
200
300
400
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
RDS(ON) LIMIT
V
GS = 10V
SINGLE PULSE
RθJA = 180
oC/W
T
A = 25
oC
10ms
1ms
10µs
100µs
0
1
2
3
4
5
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 180°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.


Podobny numer części - FDC6333C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDC6330 FAIRCHILD-FDC6330 Datasheet
185Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
logo
ON Semiconductor
FDC6330L ONSEMI-FDC6330L Datasheet
291Kb / 4P
   Integrated Load Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
91Kb / 4P
   Integrated Load Switch
More results

Podobny opis - FDC6333C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS8333C FAIRCHILD-FDS8333C Datasheet
134Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK3710 FS-FTK3710 Datasheet
896Kb / 6P
   30V NP Dual Channel MOSFETs
logo
FETek Technology Corp.
FKBB3909 FETEK-FKBB3909 Datasheet
1,012Kb / 9P
   30V NP Dual Channel MOSFETs
Ver : A
logo
First Silicon Co., Ltd
FTK3714NP FS-FTK3714NP Datasheet
1Mb / 4P
   30V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com