Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC05DR2G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC74AC05DR2G
Szczegółowy opis  Hex Inverter with Open-Drain Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC05DR2G Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC74AC05DR2G Datasheet HTML 1Page - ON Semiconductor MC74AC05DR2G Datasheet HTML 2Page - ON Semiconductor MC74AC05DR2G Datasheet HTML 3Page - ON Semiconductor MC74AC05DR2G Datasheet HTML 4Page - ON Semiconductor MC74AC05DR2G Datasheet HTML 5Page - ON Semiconductor MC74AC05DR2G Datasheet HTML 6Page - ON Semiconductor MC74AC05DR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 9
1
Publication Order Number:
MC74AC05/D
MC74AC05, MC74ACT05
Hex Inverter with
Open-Drain Outputs
High−Performance Silicon−Gate CMOS
The MC74AC/ACT05 is identical in pinout to the LS05. The device
inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with TTL outputs.
Features
Outputs Source/Sink 24 mA
′ACT05 Has TTL Compatible Inputs
These are Pb−Free Devices
GND
Figure 1. Pinout: 14-Lead Packages
13
14
12
11
10
9
8
2
13
4
56
7
VCC
A6
Y6
A5
Y5
A4
Y4
A1
Y1
A2
Y2
A3
Y3
Top View
Figure 2. Logic Diagram
Y*
2, 4, 6, 8, 10, 12
1, 3, 5, 9, 11, 13
A
PIN 14 = VCC
PIN 7 = GND
* DENOTES OPEN‐DRAIN OUTPUTS
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
FUNCTION TABLE
Input A
L
H
Output Y
Z
L
NOTE:
Z = High Impedance
MARKING
DIAGRAMS
xxx
= AC or ACT
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W = Work Week
G or
G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
xxx
05
ALYW
G
G
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
xxx05G
AWLYWW
1
14
(Note: Microdot may be in either location)


Podobny numer części - MC74AC05DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC05DR2G ONSEMI-MC74AC05DR2G Datasheet
139Kb / 10P
   Hex Inverter with Open?묭rain Outputs
October, 2006 ??Rev. 8
More results

Podobny opis - MC74AC05DR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
   Hex Inverter with Open-Drain Outputs
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
   Hex Inverter with Open-Drain Outputs
logo
Nexperia B.V. All right...
74HC05-Q100 NEXPERIA-74HC05-Q100 Datasheet
858Kb / 15P
   Hex inverter with open-drain outputs
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
   Hex Inverter with Open Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
   Hex Inverter with Open Drain Outputs
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
   Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
   Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
   Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
logo
NXP Semiconductors
74LVC06A PHILIPS-74LVC06A Datasheet
71Kb / 16P
   Hex inverter with open-drain outputs
2000 Mar 07
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com