Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC4040DG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC74AC4040DG
Szczegółowy opis  12-Stage Binary Ripple Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC4040DG Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC74AC4040DG Datasheet HTML 1Page - ON Semiconductor MC74AC4040DG Datasheet HTML 2Page - ON Semiconductor MC74AC4040DG Datasheet HTML 3Page - ON Semiconductor MC74AC4040DG Datasheet HTML 4Page - ON Semiconductor MC74AC4040DG Datasheet HTML 5Page - ON Semiconductor MC74AC4040DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC74AC4040
www.onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig. No.
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
3.3
110
120
100
MHz
Frequency
5.0
130
140
120
nCP to Q1
Propagation Delay
3.3
2.0
11
2.0
14
ns
nCP to Q1
5.0
2.0
8.0
2.0
10
Qn to Qn +1
Propagation Delay
3.3
0
5.5
0
6.5
ns
Qn to Qn +1
5.0
0
3.5
0
4.5
MR to Q
tHL
Propagation Delay
3.3
3.0
12
3.0
15
ns
MR to Q
5.0
3.0
10
3.0
12
trec
nCP to MR
Recovery Time
3.3
0
−2.5
0
ns
5.0
0
−1.5
0
tw nCP
Minimum Pulse Width
Clock Pin
3.3
4.0
3.5
4.5
ns
5.0
3.0
2.5
3.5
tw MR
Minimum Pulse Width
Master Reset
3.3
4.0
3.5
4.5
ns
3.0
3.0
2.5
3.5
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V
ORDERING INFORMATION
Part Number
Package
Shipping
MC74AC4040DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74AC4040DR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - MC74AC4040DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC4040DG ONSEMI-MC74AC4040DG Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
More results

Podobny opis - MC74AC4040DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com