Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1JL Arkusz danych(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Numer części ES1JL
Szczegółowy opis  SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ES1JL Arkusz danych(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  ES1JL Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ES1JL Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
@IF=1.0A
ES1J L
ES1A LTHRU
Features
· Glass passivated device
· Ideal for surface mouted applications
· Low reverse leakage
·
Metallurgically bonded construction
· High temperature soldering guaranteed:
seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Mechanical Data
· Case: SOD-123FL, molded plastic
· Terminals: plated leads solderable per
MIL-STD-750, Method 2026
· Polarity: Color band denotes cathode end
· Mounting position: Any
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
260 /10
0
· Plastic material-UL flammability 94V-
/W
=30
RRM
25
5.0
EJN
ES1JNL
EDN
ES1DNL
EBN
ES1BNL
EAN
ES1ANL
TYPE NUMBER
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
V
VRWM
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
V
Average Rectified Output Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
VFM
0.95
1.25
1.7
V
Peak Reverse Current
At Rated DC Blocking Voltage
IR
100
uA
Maximum reverse recovery time (NOTE 1)
trr
35
ns
Typical junction capacitance (NOTE 2)
CJ
10
pF
Typical thermal resistance (NOTE 3)
RθJA
85
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
Note:1.
2. Thermal resistance from junction to ambient at 0.375" (9.5mm)lead length,P.C.B. mounted
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
version:01
1 of 2
ES1GNL
EGN
Measured with IF=0.5A, IR=1A, Irr=0.25A.
Code
SYMBOL
A
@T
=100
=25
A
@T
A
@T
2°(2°)
0.063(1.6)
0.079(2.0)
0.047(1.2)
0.032(0.8)
Dimensions in inches and (millimeters)
0.022(0.55)
0.037(0.95)
SOD-123FL
8°(8°)
0.150(3.8)
0.134(3.4)
N
N
www.dyelec.com


Podobny numer części - ES1JL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
ES1JL TSC-ES1JL Datasheet
307Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1JL TSC-ES1JL Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1JL TSC-ES1JL Datasheet
198Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1JL DACHANG-ES1JL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1JL TSC-ES1JL Datasheet
380Kb / 4P
   Surface Mount Super Fast Rectifiers
More results

Podobny opis - ES1JL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
ES1AUL DYELEC-ES1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AL DYELEC-ES1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
FFM101U-M DYELEC-FFM101U-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101N-M DYELEC-FFM101N-M Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1N DYELEC-F1N Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1U DYELEC-F1U Datasheet
2Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
F1A DYELEC-F1A Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
FFM101-M DYELEC-FFM101-M Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com