Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9ZXL0831 Arkusz danych(PDF) 8 Page - Integrated Device Technology

Numer części 9ZXL0831
Szczegółowy opis  8-OUTPUT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL0831 Arkusz danych(HTML) 8 Page - Integrated Device Technology

Back Button 9ZXL0831_16 Datasheet HTML 4Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 5Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 6Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 7Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 8Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 9Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 10Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 11Page - Integrated Device Technology 9ZXL0831_16 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
9ZXL0831
8-OUTPUT DB800ZL
IDT®
8-OUTPUT DB800ZL
8
9ZXL0831
REV E 081616
Electrical Characteristics–Skew and Differential Jitter Parameters
TA = TCOM; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
CLK_IN, DIF[x:0]
tSPO_PLL
Input-to-Output Skew in PLL mode
nominal value @ 25°C, 3.3V
-100
-60
100
ps
1,2,4,5,8
CLK_IN, DIF[x:0]
tPD_BYP
Input-to-Output Skew in Bypass mode
nominal value @ 25°C, 3.3V
2.5
3.2
4.5
ns
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_PLL
Input-to-Output Skew Varation in PLL mode
across voltage and temperature
-50
50
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSPO_BYP
Input-to-Output Skew Varation in Bypass mode
across voltage and temperature
-250
250
ps
1,2,3,5,8
CLK_IN, DIF[x:0]
tDTE
Random Differential Tracking error beween two
9ZX devices in Hi BW Mode
15
ps
(rms)
1,2,3,5,8
CLK_IN, DIF[x:0]
tDSSTE
Random Differential Spread Spectrum Tracking
error beween two 9ZX devices in Hi BW Mode
5
75
ps
1,2,3,5,8
DIF{x:0]
tSKEW_ALL
Output-to-Output Skew across all outputs
(Common to Bypass and PLL mode)
53
65
ps
1,2,3,8
PLL Jitter Peaking
jpeak-hibw
LOBW#_BYPASS_HIBW = 1
0
1.2
2.5
dB
7,8
PLL Jitter Peaking
jpeak-lobw
LOBW#_BYPASS_HIBW = 0
0
0.76
2
dB
7,8
PLL Bandwidth
pllHIBW
LOBW#_BYPASS_HIBW = 1
2
3
4
MHz
8,9
PLL Bandwidth
pllLOBW
LOBW#_BYPASS_HIBW = 0
0.7
1.1
1.4
MHz
8,9
Duty Cycle
tDC
Measured differentially, PLL Mode
45
50.1
55
%
1
Duty Cycle Distortion
tDCD
Measured differentially, Bypass Mode
@100MHz
-2
0
2
%
1,10
PLL mode
34
50
ps
1,11
Additive Jitter in Bypass Mode
17
50
ps
1,11
Notes for preceding table:
6.t is the period of the input clock
7 Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
8. Guaranteed by design and characterization, not 100% tested in production.
9 Measured at 3 db down or half power point.
10 Duty cycle distortion is the difference in duty cycle between the output and the input clock when the device is operated in bypass mode.
11 Measured from differential waveform
Jitter, Cycle to cycle
tjcyc-cyc
1 C
L = 2pF with RS = 27Ω for Zo = 85Ω differential trace impedance.
Input to output skew is measured at the first output edge following the
corresponding input.
2 Measured from differential cross-point to differential cross-point. This parameter can be tuned with external feedback path, if present.
3 All Bypass Mode Input-to-Output specs refer to the timing between an input edge and the specific output edge created by it.
4 This parameter is deterministic for a given device
5 Measured with scope averaging on to find mean value.


Podobny numer części - 9ZXL0831_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL0831AKLF RENESAS-9ZXL0831AKLF Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
9ZXL0831AKLFT RENESAS-9ZXL0831AKLFT Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
logo
Integrated Device Techn...
9ZXL0831E IDT-9ZXL0831E Datasheet
273Kb / 18P
   8-Output DB800ZL for PCIe Gen1?? and QPI/UPI
9ZXL0831EKILF IDT-9ZXL0831EKILF Datasheet
273Kb / 18P
   8-Output DB800ZL for PCIe Gen1?? and QPI/UPI
logo
Renesas Technology Corp
9ZXL0831EKILF RENESAS-9ZXL0831EKILF Datasheet
1Mb / 34P
   4 to 12-Output Buffers for PCIe Gen1–5 and UPI
December 19, 2022
More results

Podobny opis - 9ZXL0831_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL0831 RENESAS-9ZXL0831 Datasheet
555Kb / 19P
   8-OUTPUT DB800ZL
REV E 081616
logo
Integrated Device Techn...
IDT5V928 IDT-IDT5V928 Datasheet
48Kb / 6P
   8 OUTPUT CLOCK GENERATOR
logo
National Semiconductor ...
DAC0854 NSC-DAC0854 Datasheet
269Kb / 14P
   8-Bit Voltage-Output
logo
STMicroelectronics
H3LIS100DL STMICROELECTRONICS-H3LIS100DL Datasheet
666Kb / 38P
   8-bit data output
April 2015 Rev 2
logo
Power Mate Technology C...
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
Amphenol Corporation
NPX-SPI AMPHENOL-NPX-SPI Datasheet
133Kb / 4P
   8-bit calibrated output
logo
Integrated Device Techn...
9SQL4958 IDT-9SQL4958 Datasheet
318Kb / 20P
   8-output CK420BQ Derivative
logo
RSG Electronic Componen...
FKC08 RSG-FKC08 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC08-12S33 P-DUKE-FKC08-12S33 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com