Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9ZXL1251AKLF Arkusz danych(PDF) 4 Page - Integrated Device Technology

Numer części 9ZXL1251AKLF
Szczegółowy opis  12-output DB1200ZL Derivative with Integrated 85ohm Terminations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1251AKLF Arkusz danych(HTML) 4 Page - Integrated Device Technology

  9ZXL1251AKLF Datasheet HTML 1Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 2Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 3Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 4Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 5Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 6Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 7Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 8Page - Integrated Device Technology 9ZXL1251AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
12-OUTPUT DB1200ZL DERIVATIVE WITH INTEGRATED 85Ω TERMINATIONS 4
REVISION B 11/20/15
9ZXL1251 DATASHEET
Pin Descriptions
PIN #
PIN NAME
TYPE
DESCRIPTION
1
VDDA
PWR
Power for the PLL core.
2
GNDA
GND
Ground pin for the PLL core.
3
NC
N/A
No Connection.
4
^100M_133M#
IN
3.3V Input to select operating frequency. This pin has an internal pull-up resistor.
See Functionality Table for Definition
5
^vHIBW_BYPM_LOBW#
LATCHED
IN
Trilevel input to select High BW, Bypass or Low BW mode. This pin is biased to VDD/2
(Bypass mode) with internal pull up/pull down resistors. See PLL Operating Mode Table for
6CKPWRGD_PD#
IN
3.3V Input notifies device to sample latched inputs and start up on first high assertion, or exit
Power Down Mode on subsequent assertions. Low enters Power Down Mode.
7
GND
GND
Ground pin.
8VDDR
PWR
3.3V power for differential input clock (receiver). This VDD should be treated as an analog power
rail and filtered appropriately.
9
DIF_IN
IN
HCSL True input
10
DIF_IN#
IN
HCSL Complementary Input
11
vSMB_A0_tri
IN
SMBus address bit. This is a tri-level input that works in conjunction with the SMB_A1 to
decode 1 of 9 SMBus Addresses. It has an internal 120Kohm pull down resistor.
12
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
13
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
14
vSMB_A1_tri
IN
SMBus address bit. This is a tri-level input that works in conjunction with the SMB_A0 to
decode 1 of 9 SMBus Addresses. It has an internal 120Kohm pull down resistor.
15
DFB_OUT_NC#
OUT
Complementary half of differential feedback output, provides feedback signal to the PLL for
synchronization with input clock to eliminate phase error. This pin should NOT be connected on
the circuit board, the feedback is internal to the package.
16
DFB_OUT_NC
OUT
True half of differential feedback output, provides feedback signal to the PLL for synchronization
with the input clock to eliminate phase error. This pin should NOT be connected on the circuit
board, the feedback is internal to the package.
17
DIF_0
OUT
HCSL true clock output
18
DIF_0#
OUT
HCSL Complementary clock output
19
vOE0#
IN
Active low input for enabling DIF pair 0. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
20
vOE1#
IN
Active low input for enabling DIF pair 1. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
21
DIF_1
OUT
HCSL true clock output
22
DIF_1#
OUT
HCSL Complementary clock output
23
GND
GND
Ground pin.
24
VDD
PWR
Power supply, nominal 3.3V
25
VDDIO
PWR
Power supply for differential outputs
26
DIF_2
OUT
HCSL true clock output
27
DIF_2#
OUT
HCSL Complementary clock output
28
vOE2#
IN
Active low input for enabling DIF pair 2. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
29
vOE3#
IN
Active low input for enabling DIF pair 3. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
30
DIF_3
OUT
HCSL true clock output
31
DIF_3#
OUT
HCSL Complementary clock output
32
VDDIO
PWR
Power supply for differential outputs
33
GND
GND
Ground pin.
34
DIF_4
OUT
HCSL true clock output
35
DIF_4#
OUT
HCSL Complementary clock output
36
vOE4#
IN
Active low input for enabling DIF pair 4. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
37
vOE5#
IN
Active low input for enabling DIF pair 5. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs


Podobny numer części - 9ZXL1251AKLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1251AKLF RENESAS-9ZXL1251AKLF Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
9ZXL1251AKLFT RENESAS-9ZXL1251AKLFT Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
More results

Podobny opis - 9ZXL1251AKLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1251 RENESAS-9ZXL1251 Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL0851 RENESAS-9ZXL0851 Datasheet
634Kb / 16P
   8-Output DB800ZL Derivative with Integrated 85Ω Terminations
February 6, 2023
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1231 IDT-9ZXL1231_16 Datasheet
193Kb / 18P
   12-output DB1200ZL
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com