Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9ZXL1231AKILF Arkusz danych(PDF) 5 Page - Integrated Device Technology

Numer części 9ZXL1231AKILF
Szczegółowy opis  12-output DB1200ZL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1231AKILF Arkusz danych(HTML) 5 Page - Integrated Device Technology

  9ZXL1231AKILF Datasheet HTML 1Page - Integrated Device Technology 9ZXL1231AKILF Datasheet HTML 2Page - Integrated Device Technology 9ZXL1231AKILF Datasheet HTML 3Page - Integrated Device Technology 9ZXL1231AKILF Datasheet HTML 4Page - Integrated Device Technology 9ZXL1231AKILF Datasheet HTML 5Page - Integrated Device Technology 9ZXL1231AKILF Datasheet HTML 6Page - Integrated Device Technology 9ZXL1231AKILF Datasheet HTML 7Page - Integrated Device Technology 9ZXL1231AKILF Datasheet HTML 8Page - Integrated Device Technology 9ZXL1231AKILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
REVISION J 05/25/16
5
12-OUTPUT DB1200ZL
9ZXL1231 DATASHEET
Pin Descriptions (cont.)
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9ZXL1231. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
PIN #
PIN NAME
TYPE
DESCRIPTION
38
DIF_5
OUT
HCSL true clock output
39
DIF_5#
OUT
HCSL Complementary clock output
40
VDD
PWR
Power supply, nominal 3.3V
41
GND
GND
Ground pin.
42
DIF_6
OUT
HCSL true clock output
43
DIF_6#
OUT
HCSL Complementary clock output
44
vOE6#
IN
Active low input for enabling DIF pair 6. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
45
vOE7#
IN
Active low input for enabling DIF pair 7. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
46
DIF_7
OUT
HCSL true clock output
47
DIF_7#
OUT
HCSL Complementary clock output
48
GND
GND
Ground pin.
49
VDDIO
PWR
Power supply for differential outputs
50
DIF_8
OUT
HCSL true clock output
51
DIF_8#
OUT
HCSL Complementary clock output
52
vOE8#
IN
Active low input for enabling DIF pair 8. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
53
vOE9#
IN
Active low input for enabling DIF pair 9. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
54
DIF_9
OUT
HCSL true clock output
55
DIF_9#
OUT
HCSL Complementary clock output
56
VDDIO
PWR
Power supply for differential outputs
57
VDD
PWR
Power supply, nominal 3.3V
58
GND
GND
Ground pin.
59
DIF_10
OUT
HCSL true clock output
60
DIF_10#
OUT
HCSL Complementary clock output
61
vOE10#
IN
Active low input for enabling DIF pair 10. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
62
vOE11#
IN
Active low input for enabling DIF pair 11. This pin has an internal pull-down.
1 =disable outputs, 0 = enable outputs
63
DIF_11
OUT
HCSL true clock output
64
DIF_11#
OUT
HCSL Complementary clock output
65
epad
GND
Connect epad to Ground
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDx
4.6
V
1,2
Input Low Voltage
VIL
GND-0.5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5
V
1,3
Input High Voltage
VIHSMB
SMBus clock and data pins
5.5
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 4.6V.


Podobny numer części - 9ZXL1231AKILF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1231AKILF RENESAS-9ZXL1231AKILF Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
9ZXL1231AKILFT RENESAS-9ZXL1231AKILFT Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
More results

Podobny opis - 9ZXL1231AKILF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Silicon Laboratories
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Renesas Technology Corp
9ZXL1251 RENESAS-9ZXL1251 Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
   12-Output DB1200ZL for PCIe Gen1?? and UPI
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com