Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9ZXL1550 Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części 9ZXL1550
Szczegółowy opis  15-output DB1900Z Low-Power Derivative
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1550 Arkusz danych(HTML) 3 Page - Integrated Device Technology

  9ZXL1550 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
REVISION E 11/20/15
3
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
9ZXL1550 DATASHEET
Pin Descriptions
PIN #
PIN NAME
TYPE
DESCRIPTION
1
VDDA
PWR
Power for the PLL core.
2
GNDA
GND
Ground pin for the PLL core.
3
100M_133M#
IN
3.3V Input to select operating frequency.
See Functionality Table for Definition
4
HIBW_BYPM_LOBW#
IN
Trilevel input to select High BW, Bypass or Low BW mode.
See PLL Operating Mode Table for Details.
5
CKPWRGD_PD#
IN
3.3V Input notifies device to sample latched inputs and start up on first high assertion, or exit Power Down
Mode on subsequent assertions. Low enters Power Down Mode.
6
GND
GND
Ground pin.
7
VDDR
PWR
3.3V power for differential input clock (receiver). This VDD should be treated as an analog power rail and
filtered appropriately.
8
DIF_IN
IN
HCSL True input
9
DIF_IN#
IN
HCSL Complementary Input
10
SMB_A0_tri
IN
SMBus address bit. This is a tri-level input that works in conjunction with the SMB_A1 to decode 1 of 9
SMBus Addresses.
11
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant
12
SMBCLK
IN
Clock pin of SMBUS circuitry, 5V tolerant
13
SMB_A1_tri
IN
SMBus address bit. This is a tri-level input that works in conjunction with the SMB_A0 to decode 1 of 9
SMBus Addresses.
14
FBOUT_NC#
OUT
Complementary half of differential feedback output. This pin should NOT be connected to anything outside
the chip. It exists to provide delay path matching to get 0 propagation delay.
15
FBOUT_NC
OUT
True half of differential feedback output. This pin should NOT be connected to anything outside the chip.
It exists to provide delay path matching to get 0 propagation delay.
16
GND
GND
Ground pin.
17
DIF0
OUT
Differential true clock output
18
DIF0#
OUT
Differential Complementary clock output
19
VDDIO
PWR
Power supply for differential outputs
20
GND
GND
Ground pin.
21
DIF1
OUT
Differential true clock output
22
DIF1#
OUT
Differential Complementary clock output
23
DIF2
OUT
Differential true clock output
24
DIF2#
OUT
Differential Complementary clock output
25
GND
GND
Ground pin.
26
VDD
PWR
Power supply, nominal 3.3V
27
DIF3
OUT
Differential true clock output
28
DIF3#
OUT
Differential Complementary clock output
29
DIF4
OUT
Differential true clock output
30
DIF4#
OUT
Differential Complementary clock output
31
VDDIO
PWR
Power supply for differential outputs
32
GND
GND
Ground pin.


Podobny numer części - 9ZXL1550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550 Datasheet
301Kb / 18P
   PLL or bypass mode
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1550BKLF RENESAS-9ZXL1550BKLF Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1550BKLFT RENESAS-9ZXL1550BKLFT Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
logo
Integrated Device Techn...
9ZXL1550DKILF IDT-9ZXL1550DKILF Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results

Podobny opis - 9ZXL1550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com