Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9ZXL1231AKILFT Arkusz danych(PDF) 1 Page - Integrated Device Technology

Numer części 9ZXL1231AKILFT
Szczegółowy opis  12-output DB1200ZL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1231AKILFT Arkusz danych(HTML) 1 Page - Integrated Device Technology

  9ZXL1231AKILFT Datasheet HTML 1Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 2Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 3Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 4Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 5Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 6Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 7Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 8Page - Integrated Device Technology 9ZXL1231AKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATASHEET
9ZXL1231 REVISION J 05/25/16
1
©2016 Integrated Device Technology, Inc.
12-output DB1200ZL
9ZXL1231
General Description
The 9ZXL1231 meets the demanding requirements of the
Intel DB1200ZL specification, including the critical low-drift
requirements of Intel CPUs.
Recommended Application
Buffer for Romley, Grantley and Purley Servers, solid state
storage and PCIe
Output Features
12 - Low-Power (LP) HCSL output pairs
Key Specifications
Cycle-to-cycle jitter <50ps
Output-to-output skew <50 ps
Input-to-output delay variation <50ps
PCIe Gen3 phase jitter <1.0ps RMS
Phase jitter: QPI/UPI >=9.6GB/s <0.2ps rms
Features/Benefits
Low-power push-pull HCSL outputs; eliminate 24 resistors,
save 41mm2 of area
Pin compatible to 9ZX21201; easy path to >50% power
savings
Space-saving 64 VFQFPN package
Fixed feedback path for 0ps input-to-output delay
9 Selectable SMBus Addresses; multiple devices can
share the same SMBus Segment
12 OE# pins; hardware control of each output
PLL or bypass mode; PLL can dejitter incoming clock
Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLL's
Spread Spectrum Compatible; tracks spreading input clock
for low EMI
Block Diagram
Logic
DIF(11:0)
HIBW_BYPM_LOBW#
SMBDAT
SMBCLK
CKPWRGD/PD#
SMB_A0_tri
SMB_A1_tri
100M_133M#
Z-PLL
(SS Compatible)
DFB_OUT_NC
DIF_IN
DIF_IN#
OE(11:0)#


Podobny numer części - 9ZXL1231AKILFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1231AKILFT RENESAS-9ZXL1231AKILFT Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
More results

Podobny opis - 9ZXL1231AKILFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1231 RENESAS-9ZXL1231 Datasheet
388Kb / 19P
   12-output DB1200ZL
05/25/16
logo
Silicon Laboratories
SI53112 SILABS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
SI53112-A03A SILABS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
logo
Skyworks Solutions Inc.
SI53112-A03A SKYWORKS-SI53112-A03A Datasheet
1Mb / 34P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.0
SI53112 SKYWORKS-SI53112 Datasheet
1Mb / 35P
   DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
Rev. 1.1
logo
Renesas Technology Corp
9ZXL1251 RENESAS-9ZXL1251 Datasheet
659Kb / 18P
   12-Output DB1200ZL Derivative with Integrated 85Ω Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1231E IDT-9ZXL1231E Datasheet
267Kb / 21P
   12-Output DB1200ZL for PCIe Gen1?? and UPI
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com