Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9ZXL1530BKLFT Arkusz danych(PDF) 4 Page - Integrated Device Technology

Numer części 9ZXL1530BKLFT
Szczegółowy opis  15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1530BKLFT Arkusz danych(HTML) 4 Page - Integrated Device Technology

  9ZXL1530BKLFT Datasheet HTML 1Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 2Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 3Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 4Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 5Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 6Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 7Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 8Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
9ZXL1530
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
IDT®
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
4
9ZXL1530
REV D 112015
Pin Descriptions (cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
DIF_5
OUT
0.7V differential true clock output
34
DIF_5#
OUT
0.7V differential Complementary clock output
35
GND
PWR
Ground pin.
36
VDDIO
PWR
Power supply for differential outputs
37
DIF_6
OUT
0.7V differential true clock output
38
DIF_6#
OUT
0.7V differential Complementary clock output
39
DIF_7
OUT
0.7V differential true clock output
40
DIF_7#
OUT
0.7V differential Complementary clock output
41
VDD
PWR
Power supply, nominal 3.3V
42
GND
PWR
Ground pin.
43
DIF_8
OUT
0.7V differential true clock output
44
DIF_8#
OUT
0.7V differential Complementary clock output
45
DIF_9
OUT
0.7V differential true clock output
46
DIF_9#
OUT
0.7V differential Complementary clock output
47
GND
PWR
Ground pin.
48
VDDIO
PWR
Power supply for differential outputs
49
DIF_10
OUT
0.7V differential true clock output
50
DIF_10#
OUT
0.7V differential Complementary clock output
51
VDDIO
PWR
Power supply for differential outputs
52
GND
PWR
Ground pin.
53
DIF_11
OUT
0.7V differential true clock output
54
DIF_11#
OUT
0.7V differential Complementary clock output
55
DIF_12
OUT
0.7V differential true clock output
56
DIF_12#
OUT
0.7V differential Complementary clock output
57
GND
PWR
Ground pin.
58
VDD
PWR
Power supply, nominal 3.3V
59
DIF_13
OUT
0.7V differential true clock output
60
DIF_13#
OUT
0.7V differential Complementary clock output
61
DIF_14
OUT
0.7V differential true clock output
62
DIF_14#
OUT
0.7V differential Complementary clock output
63
VDDIO
PWR
Power supply for differential outputs
64
GND
PWR
Ground pin.


Podobny numer części - 9ZXL1530BKLFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1530BKLFT RENESAS-9ZXL1530BKLFT Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
More results

Podobny opis - 9ZXL1530BKLFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com