Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9ZXL1530BKLFT Arkusz danych(PDF) 7 Page - Integrated Device Technology

Numer części 9ZXL1530BKLFT
Szczegółowy opis  15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1530BKLFT Arkusz danych(HTML) 7 Page - Integrated Device Technology

Back Button 9ZXL1530BKLFT Datasheet HTML 3Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 4Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 5Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 6Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 7Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 8Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 9Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 10Page - Integrated Device Technology 9ZXL1530BKLFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
9ZXL1530
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
IDT®
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
7
9ZXL1530
REV D 112015
Electrical Characteristics–DIF 0.7V Low Power Differential Outputs
Electrical Characteristics–Current Consumption
TA = TCOM; Supply Voltage VDD/VD DA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading C onditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Slew rate
Trf
Scope averaging on
1
3
4
V/ns
1, 2, 3
Slew rate matching
∆Trf
Slew rate matching.
7.6
20
%
1, 2, 4
Voltage High
VHigh
660
757
850
1
Voltage Low
VLow
-150
16
150
1
Max Voltage
Vmax
857
1150
1
Min Voltage
Vmin
-300
-36
1
Vsw ing
Vswing
Scope averaging off
300
mV
1, 2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
300
469
550
mV
1, 5
Crossing Voltage (var)
∆-Vcross
Scope averaging off
14
140
mV
1, 6
2 Measured from differential waveform
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross absolute)
allowed. The intent is to limit Vcross induced modulation by setting
∆-Vcross to be smaller than Vcross absolute.
mV
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope averaging
on)
Measurement on single ended signal using absolute
value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production. C
L = 2pF with R S = 2 7Ω fo r Zo = 85Ω diffe rential tra ce
impedance.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the
average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5
Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e.
Clock rising and Clock# falling).
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDVDD
All outputs active @100MHz, CL = 2pF;
23
40
mA
1
I
DDVDDA/R
All outputs active @100MHz, C
L = 2p F;
15
20
mA
1
I
DDVD DIO
All outputs active @100MHz, C
L = 2p F;
124
150
mA
1
IDDVDDPD
All differential pairs low-low
2.2
4
mA
1
I
DD VDD A/RPD
All differential pairs low-low
4.9
7
mA
1
I
DDVD DIOPD
All differential pairs low-low
0.16
0.5
mA
1
1Guaranteed by design and characterization, not 100% tested in production.
Operating Supply Current
Powerdown Current


Podobny numer części - 9ZXL1530BKLFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
9ZXL1530BKLFT RENESAS-9ZXL1530BKLFT Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
More results

Podobny opis - 9ZXL1530BKLFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com