Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

932SQ426 Arkusz danych(PDF) 2 Page - Integrated Device Technology

Numer części 932SQ426
Szczegółowy opis  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426 Arkusz danych(HTML) 2 Page - Integrated Device Technology

  932SQ426_16 Datasheet HTML 1Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 2Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 3Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 4Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 5Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 6Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 7Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 8Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
2
932SQ426
REV C 022916
Pin Configuration (TSSOP)
932SQ426 Functionality
Power Group Pin Numbers
932SQ426 Power Down Functionality
SMBCLK 1
64 SMBDAT
GND14 2
63 VDDCPU
AVDD14 3
62 CPU3T
VDD14 4
61 CPU3C
vREF14_3x/TEST_SEL 5
60 CPU2T
GND14 6
59 CPU2C
GNDXTAL 7
58 GN DCPU
X1_25 8
57 VDDCPU
X2_25 9
56 CPU1T
VDDXTAL10
55CPU1C
GN DPCI 11
54 CPU0T
VD DPCI 12
53 CPU0C
PCI4_2x 13
52 GN DNS
PCI3_2x 14
51 AVDD_NS_SAS
PCI2_2x 15
50 NS_SAS1T
PCI1_2x 16
49 NS_SAS1C
PCI0_2x 17
48 NS_SAS0T
GN DPCI 18
47 NS_SAS0C
VD DPCI 19
46 GN DNS
VDD4820
45VDDNS
48M_2x 21
44 NS_SRC1T
GND4822
43NS_SRC1C
GND9623
42NS_SRC0T
DOT96T 24
41 NS_SRC0C
DOT96C 25
40 IREF
AVDD96 26
39 GN DSRC
TEST_MODE 27
38 AVDD_SRC
CKPWR GD#/PD 28
37 VDDSRC
VD DSRC 29
36 SRC2T
SRC0T 30
35 SRC2C
SRC0C 31
34 SRC1T
GN DSRC 32
33 SRC1C
64-TSSOP
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldown
CPU, SRC,
NS_SAS,
NS_SR C
PCI
REF
DOT96
USB
100
33.33
14.318
96.00
48.00
MHz
VDD
GND
VDD
GND
57
56
3
2
14MHz PLL Analog
58
60
4
6
REF14M Output and Logic
64
61
10
7
25MHz XTAL
2,9
1,8
12, 19
11,18 PCI Outputs and Logic
10
12
20
22
48MHz Output and Logic
16
13
26
23
96MHz PLL Analog, Output and Logic
19,27,28
22
29,37,38 32,39 SRC Outputs and Logic
35
36
45
46
Non-Spreading Differential Outputs & Logic
41
42
51
52
NS-SAS/SRC PLL Analog
47,53
48
57,63
58
CPU Outputs and Logic
QFN
Description
TSSOP
CKPWRGD#/PD
D ifferential
Outputs
Single-
ended
Outputs
Single
ended
Outputs
w/Latch
1HI-Z
1
Low
Low
2
0
Running
1. Hi-Z on the differential outputs w ill result in both True
and Complement being low due to the t ermination
2. These outputs are Hi-Z after VDD is applied and before
the first assertion of CKPWR GD#.


Podobny numer części - 932SQ426_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
932SQ426AGLF RENESAS-932SQ426AGLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AGLFT RENESAS-932SQ426AGLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AKLF RENESAS-932SQ426AKLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AKLFT RENESAS-932SQ426AKLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

Podobny opis - 932SQ426_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com