Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1550IRZ Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL1550IRZ
Szczegółowy opis  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1550IRZ Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL1550IRZ Datasheet HTML 1Page - Intersil Corporation ISL1550IRZ Datasheet HTML 2Page - Intersil Corporation ISL1550IRZ Datasheet HTML 3Page - Intersil Corporation ISL1550IRZ Datasheet HTML 4Page - Intersil Corporation ISL1550IRZ Datasheet HTML 5Page - Intersil Corporation ISL1550IRZ Datasheet HTML 6Page - Intersil Corporation ISL1550IRZ Datasheet HTML 7Page - Intersil Corporation ISL1550IRZ Datasheet HTML 8Page - Intersil Corporation ISL1550IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL1550
2
FN6795.0
March 16, 2012
Connection Diagram
Pin Configuration
ISL1550
(16 LD QFN)
TOP VIEW
FIGURE 3. TYPICAL DIFFERENTIAL AMPLIFIER I/O
25
1.5k
+6V
+
-
1.5k
+
-
-6V
½ ISL1550
25
INB-
INA-
OUTA
OUTB
INA
+
INB
+
BIAS
CURRENT
CONTROL
C0
C1
½ ISL1550
750
2VP-P
5VP-P
into 50
10VP-P
GND
Av = (1.5k / (750/2)) + 1 = 5V/V
1
3
4
15
NC
INA-
INA+
GND
16
14
13
2
12
10
9
11
6
57
8
NC
INB-
INB+
C1
VS-*
*THERMAL PAD CONNECTS TO MOST NEGATIVE SUPPLY


Podobny numer części - ISL1550IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550IRZ RENESAS-ISL1550IRZ Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ-EVALZ INTERSIL-ISL1550IRZ-EVALZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550IRZ-EVALZ RENESAS-ISL1550IRZ-EVALZ Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ-T13 INTERSIL-ISL1550IRZ-T13 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
More results

Podobny opis - ISL1550IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com