Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1550IRZ-T13 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL1550IRZ-T13
Szczegółowy opis  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1550IRZ-T13 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL1550IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL1550IRZ-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISL1550
8
FN6795.0
March 16, 2012
Typical Performance Curves V
CC = ±6V, See Figure 1, TA = +25°C, C0 = 0V, C1 = 3.3V (Low power), unless
otherwise noted.
FIGURE 21. SMALL SIGNAL FREQUENCY vs RLOAD
FIGURE 22. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
FIGURE 23. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 24. HARMONIC DISTORTION vs FREQUENCY
FIGURE 25. 4MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 26. 10MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
FREQUENCY (Hz)
50
Ω
25
Ω
16
Ω
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
33pF
22pF
18pF
FREQUENCY (Hz)
-12
-9
-6
-3
0
3
6
1M
10M
100M
1G
FREQUENCY (Hz)
5VP-P
2VP-P
1VP-P
-100
-90
-80
-70
-60
-50
-40
-30
1M
10M
100M
FREQUENCY (Hz)
5VOP-P-DIFF
100
Ω RLOAD
THD
3rd HD
2nd HD
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
110
100
Ω RLOAD
THD
3rd HD
2nd HD
VOP-P-LOAD (V)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
110
100
Ω RLOAD
THD
3rd HD
2nd HD
VOP-P-LOAD (V)


Podobny numer części - ISL1550IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1550IRZ-T13 INTERSIL-ISL1550IRZ-T13 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550IRZ-T13 RENESAS-ISL1550IRZ-T13 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
More results

Podobny opis - ISL1550IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com