Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-12F28-GNS Arkusz danych(PDF) 1 Page - C&K Components

Numer części SS-12F28-GNS
Szczegółowy opis  Miniature Slide Switches
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CK-COMPONENTS [C&K Components]
Strona internetowa  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SS-12F28-GNS Arkusz danych(HTML) 1 Page - C&K Components

  SS-12F28-GNS Datasheet HTML 1Page - C&K Components SS-12F28-GNS Datasheet HTML 2Page - C&K Components SS-12F28-GNS Datasheet HTML 3Page - C&K Components SS-12F28-GNS Datasheet HTML 4Page - C&K Components SS-12F28-GNS Datasheet HTML 5Page - C&K Components SS-12F28-GNS Datasheet HTML 6Page - C&K Components SS-12F28-GNS Datasheet HTML 7Page - C&K Components SS-12F28-GNS Datasheet HTML 8Page - C&K Components SS-12F28-GNS Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
I–97
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
I
SS Series
Miniature Slide Switches
Features/Benefits
Broad range of products
Various circuit design, SPDT, 4P3T,
vertical, right angle
Compact miniature slide switch
Shorting or non-shorting
Custom design available
Typical Applications
Consumer electronics
Computer peripherals
Telecommunication
Audio & visual equipment
Medical
Automotive
SS-12D1305-G 2 1P2T NON-SHORTING
2
TYP.3
2.5
Ø0.8
2.5
SCHEMATIC
PIERCING PLAN
1P - 2T
1
AB
3.6
9
2.5
2.5
0.5
2 TRAVEL
3.3
1.5
3.6
0.3
1.5
Specifications
CONTACT RATING: 0.3A @ 6 VDC
INITIAL CONTACT RESISTANCE: 70 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: PA
COVER: SUS
HOUSING: PA
CONTACT: Silver clad
TERMINAL: Silver plated


Podobny numer części - SS-12F28-GNS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
SS-12F28-GNS CK-COMPONENTS-SS-12F28-GNS Datasheet
1Mb / 34P
   Miniature Slide Switches
3 Jan 23
More results

Podobny opis - SS-12F28-GNS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
   Miniature Slide Switches
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com