Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB10100L Arkusz danych(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Numer części SB10100L
Szczegółowy opis  10 0A Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB10100L Arkusz danych(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SB10100L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB10100L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
version: 01
1/2
1060L
1050L
1045L
SB
SB
SB
-55 to +150
-55 to +150
32
DC
Maximum Ratings and Electrical Characteristics @T =25
Forward Voltage Drop T =25
At Rated DC Blocking Voltage
T =100
Peak Reverse Curent
T =25
10 0A Surface Mount Schottky Barrier Rectifiers
lastic material-UL flammability 94V-0
ase: TO-277B, molded plastic
· Excellent High Temperature Stability
P
@IF=10A
Junctionto Ambient
Typical Thermal Resistance
Average Rectified Output Current
(Note1)
Mechanical Data
· Lead Free:For RoHS/Lead Free Version
℃ unless otherwise specified
MIL-STD-202,Method 208
· Terminals:Plated Leads Solderable per
· Mounting Position:Any
· Marking:Type Number
· Polarity:Cathode Band
Features
· Schottky Barrier Chip
· High Thermal Reliability
· Patented Super Barrier Rectifier Technology
· High Forward Surge Capability
· Ultra Fow Power Loss,High Efficiency
Unit
V
A
mA
℃/W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4mm.
Operating junction temperature range
0.3
15
0.50
VR(RMS)
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
10
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol
VRRM
45
DC blocking voltage
V
load(JEDEC Method)
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
VRWM
V
V
A
150
RMS Rectified Voltage
(Note2)
IO
IFSM
VFM
IR
RθJA
RθJL
TJ
TSTG
.
C
.
.
A
A
A
A
SB1045L THRU SB10100L
1080L
SB
50
60
80
35
42
56
0.55
0.75
80
15
www.dyelec.com
dimensions in inches and (millimeters)
TO-277B
10100L
SB
100
70


Podobny numer części - SB10100L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zibo Seno Electronic En...
SB10100L ZSELEC-SB10100L Datasheet
277Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SB10100L YIXIN-SB10100L Datasheet
2Mb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SB10100L CHENDA-SB10100L Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Saite Microele...
SB10100L PHY-SB10100L Datasheet
877Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SB10100L JUXING-SB10100L Datasheet
2Mb / 2P
   Surface Mount Schottky Rectifiers
More results

Podobny opis - SB10100L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
SL1045 DYELEC-SL1045 Datasheet
2Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
SR1045L DYELEC-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SR1045L SY-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SR1045L CHENDA-SR1045L Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
SL1045 CHENDA-SL1045 Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
SL0540 CHENDA-SL0540 Datasheet
5Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SB20T100L BYTESONIC-SB20T100L Datasheet
810Kb / 2P
   20 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SL0540 DYELEC-SL0540 Datasheet
1Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
SL0540R DYELEC-SL0540R Datasheet
1Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
SL0845 DYELEC-SL0845 Datasheet
2Mb / 2P
   8 .0A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com