Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14017B Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14017B
Szczegółowy opis  Decade Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14017B Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14017B Datasheet HTML 1Page - ON Semiconductor MC14017B Datasheet HTML 2Page - ON Semiconductor MC14017B Datasheet HTML 3Page - ON Semiconductor MC14017B Datasheet HTML 4Page - ON Semiconductor MC14017B Datasheet HTML 5Page - ON Semiconductor MC14017B Datasheet HTML 6Page - ON Semiconductor MC14017B Datasheet HTML 7Page - ON Semiconductor MC14017B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14017B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Reset to Decode Output
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/PF) CL + 197 ns
tPLH, tPHL = (0.5 ns/pF) CL + 150 ns
tPLH,
tPHL
5.0
10
15
500
230
175
1000
460
350
ns
Propagation Delay Time
Clock to Cout
tPLH, tPHL = (1.7 ns/pF) CL + 315 ns
tPLH, tPHL = (0.66 ns/pF) CL + 142 ns
tPLH, tPHL = (0.5 ns/pF) CL + 100 ns
tPLH,
tPHL
5.0
10
15
400
175
125
800
350
250
ns
Propagation Delay Time
Clock to Decode Output
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 197 ns
tPLH, tPHL = (0.5 ns/pF) CL + 150 ns
tPLH,
tPHL
5.0
10
15
500
230
175
1000
460
350
ns
Turn−Off Delay Time
Reset to Cout
tPLH = (1.7 ns/pF) CL + 315 ns
tPLH = (0.66 ns/pF) CL + 142 ns
tPLH = (0.5 ns/pF) CL + 100 ns
tPLH
5.0
10
15
400
175
125
800
350
250
ns
Clock Pulse Width
tw(H)
5.0
10
15
250
100
75
125
50
35
ns
Clock Frequency
fcl
5.0
10
15
5.0
12
16
2.0
5.0
6.7
MHz
Reset Pulse Width
tw(H)
5.0
10
15
500
250
190
250
125
95
ns
Reset Removal Time
trem
5.0
10
15
750
275
210
375
135
105
ns
Clock Input Rise and Fall Time
tTLH,
tTHL
5.0
10
15
No Limit
Clock Enable Setup Time
tsu
5.0
10
15
350
150
115
175
75
52
ns
Clock Enable Removal Time
trem
5.0
10
15
420
200
140
260
100
70
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Podobny numer części - MC14017B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
   Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
MC14017B ONSEMI-MC14017B Datasheet
123Kb / 8P
   Decade Counter
August, 2005 ??Rev. 6
MC14017B ONSEMI-MC14017B Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BCP ONSEMI-MC14017BCP Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
More results

Podobny opis - MC14017B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14017BDG ONSEMI-MC14017BDG Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
   Decade Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
   Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Raytheon Company
CK6476 RAYTHEON-CK6476 Datasheet
353Kb / 3P
   DECADE COUNTER TUBE
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com