Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14040BFELG Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14040BFELG
Szczegółowy opis  12-Bit Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14040BFELG Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14040BFELG Datasheet HTML 1Page - ON Semiconductor MC14040BFELG Datasheet HTML 2Page - ON Semiconductor MC14040BFELG Datasheet HTML 3Page - ON Semiconductor MC14040BFELG Datasheet HTML 4Page - ON Semiconductor MC14040BFELG Datasheet HTML 5Page - ON Semiconductor MC14040BFELG Datasheet HTML 6Page - ON Semiconductor MC14040BFELG Datasheet HTML 7Page - ON Semiconductor MC14040BFELG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14040B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
TTLH, TTHL = (1.5 ns/pF) CL + 25 ns
TTLH, TTHL = (0.75 ns/pF) CL + 12.5 ns
TTLH, TTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q1
tPHL, tPLH = (1.7 ns/pF) CL + 315 ns
tPHL, tPLH = (0.66 ns/pF) CL + 137 ns
tPHL, tPLH = (0.5 ns/pF) CL + 95 ns
Clock to Q12
tPHL, tPLH = (1.7 ns/pF) CL + 2415 ns
tPHL, tPLH = (0.66 ns/pF) CL + 867 ns
tPHL, tPLH = (0.5 ns/pF) CL + 475 ns
tPLH,
tPHL
5.0
10
15
260
115
80
520
230
160
ns
5.0
10
15
1625
720
500
3250
1440
1000
ns
Propagation Delay Time
Reset to Qn
tPHL = (1.7 ns/pF) CL + 485 ns
tPHL = (0.86 ns/pF) CL + 182 ns
tPHL = (0.5 ns/pF) CL + 145 ns
tPHL
5.0
10
15
370
155
115
740
310
230
ns
Clock Pulse Width
tWH
5.0
10
15
385
150
115
140
55
38
ns
Clock Pulse Frequency
fcl
5.0
10
15
2.1
7.0
10.0
1.5
3.5
4.5
MHz
Clock Rise and Fall Time
tTLH, tTHL
5.0
10
15
No Limit
ns
Reset Pulse Width
tWH
5.0
10
15
960
360
270
320
120
80
ns
Reset Removal Time
trem
5.0
10
15
130
50
30
65
25
15
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit
and Waveform
Figure 2. Switching Time Test Circuit
and Waveforms
PULSE
GENERATOR
PULSE
GENERATOR
500
mF
0.01
mF
CERAMIC
VDD
VSS
CL
CL
CL
ID
Q1
Q2
Qn
C
R
20 ns
20 ns
VDD
VSS
90%
50%
10%
CLOCK
50% DUTY CYCLE
VDD
VSS
CL
CL
CL
Q1
Q2
Qn
C
R
20 ns
20 ns
CLOCK
90%
50%
10%
tWH
tPHL
tPLH
Q
90%
50%
10%
tTLH
tTHL


Podobny numer części - MC14040BFELG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14040BFELG ONSEMI-MC14040BFELG Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
More results

Podobny opis - MC14040BFELG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD14040B HITACHI-HD14040B Datasheet
79Kb / 7P
   12-bit Binary Counter
logo
ON Semiconductor
MC14040BDTR2G ONSEMI-MC14040BDTR2G Datasheet
157Kb / 9P
   12-Bit Binary Counter
April, 2013 ??Rev. 10
MC14040B ONSEMI-MC14040B Datasheet
215Kb / 8P
   12-Bit Binary Counter
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com