Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD500-12SMD Arkusz danych(PDF) 1 Page - Sensortechnics GmbH

Numer części AD500-12SMD
Szczegółowy opis  APD with 0.2 mm짼 active area
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SENSORTECHNICS [Sensortechnics GmbH]
Strona internetowa  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-12SMD Arkusz danych(HTML) 1 Page - Sensortechnics GmbH

  AD500-12SMD Datasheet HTML 1Page - Sensortechnics GmbH AD500-12SMD Datasheet HTML 2Page - Sensortechnics GmbH AD500-12SMD Datasheet HTML 3Page - Sensortechnics GmbH AD500-12SMD Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
First Sensor APD Data Sheet
Part Description AD500-12 SMD
Order # 501155; 501154; 501819
Version 22-10-13
Features
Description
Application
RoHS
2002/95/EC
Absolute maximum ratings
Spectral response (M = 100)
Max
100
85
TOP
Operating temp
-20
°C
TSTG
Storage temp
-40
°C
• Laser range finder
• High speed photometry
• High speed optical
communications
• APD with 0.2 mm² active area
• Optimized for 550 nm to 750 nm
• Very high sensitivity
• High cut-off frequency
Symbol
Unit
Min
Circular active area APD chip with
500 µm diameter. Ceramic carrier
type non hermetic SMD package
with clear glass or filter window.
Reflow solderable.
• Medical equipment
Parameter
• Ultra low temperature coefficient
50
60
# 501155
# 501154
85
0.25
Schematic
Electro-optical characteristics @ 23 °C
Unit
µm
mm²
nA
pF
A/W
A/W
A/W
ns
GHz
V
V/K
European, International Sales:
T +49 30 6399 2399
F +49 30 639923-752
First Sensor Inc.
5700 Corsa Avenue #105
Westlake Village
CA 91362 USA
T +1 818 706 3400
F +1 818 889 7053
Responsivity
Order # 501155; M = 100; λ = 660 nm
45
50
0.2
90
120
Cut-off frequency
-3dB, phase shift mode
2
3
tR
Rise time
M = 100; λ = 660 nm; RL = 50 Ω
Responsivity
Responsivity, preliminary
Order # 501819; M = 100; λ = 650 nm
C
Capacitance
M = 100
4.5
ID
Dark current
M = 100
0.3
2.0
TOP
Operating temp
-20
°C
Mmax
Gain (IP0 = 1 nA)
200
Active area
0.196
Typ
Max
Symbol
Characteristic
Test Condition
IPEAK
Peak DC current
mA
Active area
Min
diameter 500
Order # 501154; M = 100; λ = 635 nm
40
44
0.35
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Breakdown voltage
IR = 2 µA, VBR - binning available
Excess noise factor
40
44
Temperature coefficiant
Change of VBR with temperature
60
Excess noise index
M = 100
2.0
0.15
VBR
F
M = 100
USA:
x
Germany
0
10
20
30
40
50
60
400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100
Wavelength (nm)
# 501155
# 501154
# 501819
PIN 1
PIN 3
sales.opto@first-sensor.com
sales.us@first-sensor.com
F +49 30 639923-752
F +1 818 889 7053


Podobny numer części - AD500-12SMD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensortechnics GmbH
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
More results

Podobny opis - AD500-12SMD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensortechnics GmbH
AD500-8 SENSORTECHNICS-AD500-8 Datasheet
414Kb / 3P
   APD with 0.2 mm짼 active area
AD500-9TO SENSORTECHNICS-AD500-9TO Datasheet
444Kb / 4P
   APD with 0.2 mm짼 active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
logo
Sensortechnics GmbH
AD500-9.5SMD SENSORTECHNICS-AD500-9.5SMD Datasheet
441Kb / 4P
   APD with 0.2 mm짼 active area
AD500-9SMD SENSORTECHNICS-AD500-9SMD Datasheet
385Kb / 4P
   APD with 0.2 mm짼 active area
AD500-12TO SENSORTECHNICS-AD500-12TO Datasheet
157Kb / 2P
   APD with 0.2 mm짼 active area
AD100-8 SENSORTECHNICS-AD100-8 Datasheet
734Kb / 4P
   APD with 0.008 mm짼 active area
AD230-9 SENSORTECHNICS-AD230-9 Datasheet
427Kb / 4P
   APD with 0.04 mm짼 active area
AD1100-9TO SENSORTECHNICS-AD1100-9TO Datasheet
247Kb / 2P
   APD with 1.0 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
   APD with 0.5 mm짼 active area
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com