Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SAW7C22B-IZ Arkusz danych(PDF) 3 Page - Seoul Semiconductor

Numer części SAW7C22B-IZ
Szczegółowy opis  Superior High Intensity for High Voltage System
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEOUL [Seoul Semiconductor]
Strona internetowa  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW7C22B-IZ Arkusz danych(HTML) 3 Page - Seoul Semiconductor

  SAW7C22B-IZ Datasheet HTML 1Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 2Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 3Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 4Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 5Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 6Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 7Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 8Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW7C22B-IZ
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Nov 29, 2016
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Part Number
CCT (K) [1]
RANK
Luminous Intensity [2]
Luminous Flux [3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
SAW7C22B
-IZ
6500
M42
42
46
134
146
70
M46
46
50
146
159
70
5600
M42
42
46
134
146
70
M46
46
50
146
159
70
5000
M46
46
50
146
159
70
M50
42
46
134
146
70
4500
M46
46
50
145
158
70
M50
42
46
132
145
70
4000
M46
46
50
145
158
70
M50
42
46
132
145
70
3500
M42
42
46
131
144
70
M46
46
50
144
156
70
3000
M42
42
46
131
144
70
M46
46
50
144
156
70
2700
M42
42
46
131
144
70
M46
46
50
144
156
70
Table 2. Product Selection Guide, I
F = 150mA, Tj = 25ºC, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity Iv was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :


Podobny numer części - SAW7C22B-IZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Podobny opis - SAW7C22B-IZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAW8CF2A SEOUL-SAW8CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C22B-NZ SEOUL-SAW9C22B-NZ Datasheet
1Mb / 31P
   Superior High Intensity for High Voltage System
SAW9CF2A SEOUL-SAW9CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW8CF2B SEOUL-SAW8CF2B Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9CF2B SEOUL-SAW9CF2B Datasheet
1Mb / 25P
   Superior High Intensity for High Voltage System
SAW8C72A SEOUL-SAW8C72A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C72A SEOUL-SAW9C72A Datasheet
1Mb / 27P
   Superior High Intensity for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com