Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21072MUV-E2 Arkusz danych(PDF) 8 Page - Rohm

Numer części BU21072MUV-E2
Szczegółowy opis  Capacitive Switch Controller ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21072MUV-E2 Arkusz danych(HTML) 8 Page - Rohm

Back Button BU21072MUV-E2 Datasheet HTML 4Page - Rohm BU21072MUV-E2 Datasheet HTML 5Page - Rohm BU21072MUV-E2 Datasheet HTML 6Page - Rohm BU21072MUV-E2 Datasheet HTML 7Page - Rohm BU21072MUV-E2 Datasheet HTML 8Page - Rohm BU21072MUV-E2 Datasheet HTML 9Page - Rohm BU21072MUV-E2 Datasheet HTML 10Page - Rohm BU21072MUV-E2 Datasheet HTML 11Page - Rohm BU21072MUV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8/36
BU21072MUV / BU21078MUV / BU21078FV
TSZ02201-0L5L0F300640-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
14.Jul.2016 Rev.004
0x11-0x12 : Sensor State】
Name:
STATE_SIN
Address:
0x11-0x12
Description:
This register indicates the status of switch-on or switch-off for each sensor.
1 : Switch-on.(Register “SIN” > Register “ON”) 0 : switch-off. (Register “SIN” < Register “OFF”)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x11
SIN7
SIN6
SIN5
SIN4
SIN3
SIN2
SIN1
SIN0
0x12
SIN15
SIN14
SIN13
SIN12
SIN11
SIN10
SIN9
SIN8
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
0x13-0x15 : Detection Switch-On】
Name:
DETECT_ON
Address:
0x13-0x15
Description:
This register indicates the change from Off to On every switch.
Since SW 0-15 supports multiple pressed, each switch has a bit recognition. And the matrix key does
not correspond to multiple press, so matrix switch is indicated by 1 bit for ON detection (MAT) and 6
bits for 36 positions (KEY). Logical OR of each SW and MAT will be ONDET interrupt source
register.
1 : Detect On. 0 :Cleared.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x13
SW7
SW6
SW5
SW4
SW3
SW2
SW1
SW0
0x14
SW15
SW14
SW13
SW12
SW11
SW10
SW9
SW8
0x15
MAT
-
KEY[5]
KEY[4]
KEY[3]
KEY[2]
KEY[1]
KEY[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
0x16-0x18 : Detection Switch-Off】
Name:
DETECT_OFF
Address:
0x16-0x18
Description:
This register indicates the change from On to Off every switch.
Since SW 0-15 supports multiple pressed, each switch has a bit recognition. And the matrix key does
not correspond to multiple press, so matrix switch is indicated by 1 bit for OFF detection (MAT) and 6
bits for 36 positions (KEY). Logical OR of each SW and MAT will be OFFDET interrupt source
register.
1 : Detect Off. 0 :Cleared.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x16
SW7
SW6
SW5
SW4
SW3
SW2
SW1
SW0
0x17
SW15
SW14
SW13
SW12
SW11
SW10
SW9
SW8
0x18
MAT
-
KEY[5]
KEY[4]
KEY[3]
KEY[2]
KEY[1]
KEY[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
0x19-0x1B : Detection continued touch】
Name:
DETECT_CONT
Address:
0x19-0x1B
Description:
This register indicates the detection of continued touch every switch.
Since SW 0-15 supports multiple pressed, each switch has a bit recognition. And the matrix key does
not correspond to multiple press, so matrix switch is indicated by 1 bit for CONT detection (MAT) and
6 bits for 36 positions (KEY). Logical OR of each SW and MAT will be CONTDET interrupt source
register.
1 : Detect continued touch. 0 :Cleared.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x19
SW7
SW6
SW5
SW4
SW3
SW2
SW1
SW0
0x1A
SW15
SW14
SW13
SW12
SW11
SW10
SW9
SW8
0x1B
MAT
-
KEY[5]
KEY[4]
KEY[3]
KEY[2]
KEY[1]
KEY[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0


Podobny numer części - BU21072MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
More results

Podobny opis - BU21072MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
   Capacitive switch
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
   Capacitive switch
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com