Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21072MUV-E2 Arkusz danych(PDF) 9 Page - Rohm

Numer części BU21072MUV-E2
Szczegółowy opis  Capacitive Switch Controller ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21072MUV-E2 Arkusz danych(HTML) 9 Page - Rohm

Back Button BU21072MUV-E2 Datasheet HTML 5Page - Rohm BU21072MUV-E2 Datasheet HTML 6Page - Rohm BU21072MUV-E2 Datasheet HTML 7Page - Rohm BU21072MUV-E2 Datasheet HTML 8Page - Rohm BU21072MUV-E2 Datasheet HTML 9Page - Rohm BU21072MUV-E2 Datasheet HTML 10Page - Rohm BU21072MUV-E2 Datasheet HTML 11Page - Rohm BU21072MUV-E2 Datasheet HTML 12Page - Rohm BU21072MUV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9/36
BU21072MUV / BU21078MUV / BU21078FV
TSZ02201-0L5L0F300640-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
14.Jul.2016 Rev.004
0x1C : State of IC】
Name:
STATE
Address:
0x1C
Description:
This register indicates the state of IC.
CALIB : During calibration:
This bit is indicates that IC is during calibration. When this bit is "1" , IC is doing calibration.
The required time for calibration:About 150msec.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1C
-
-
-
-
-
-
-
CALIB
R/W
-
-
-
-
-
-
-
R
Initial val.
-
-
-
-
-
-
-
0
0x1D : Interrupt of PWM continuous flashing】
Name:
DETECT_PWM_FINISH
Address:
0x1D
Description:
This register indicates the end of the LED PWM drive. This register has a bit aware of each LED. The
logical OR of all bits of this register will be the bit PWM that is included the "Interrupt Source" registers.
1 : Finished LED PWM drive. 0 : Clear.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1D
LED7
LED6
LED5
LED4
LED3
LED2
LED1
LED0
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
0x1E : Read register for operation check of CPU】
Name:
RACT
Address:
0x1E
Description:
This register is a read register for operational check of the IC. The value written to the write register for
operation check (Address is 0xFE) is copied to this register. Comparing the write value with the read value
is equal, CPU and I/F are operating normally.
The required time to copy to this register from the write register for operation check:About 20usec.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x1E
RACT[7]
RACT[6]
RACT[5]
RACT[4]
RACT[3]
RACT[2]
RACT[1]
RACT[0]
R/W
R
R
R
R
R
R
R
R
Initial val.
0
0
0
0
0
0
0
0
0x85 , 0x8A : Software Reset】
Name:
SRST
Address:
0x85, 0x8A
Description:
These registers make a hardware reset. When the value of "0x85" Register is set to 0x55 and the value of
"0x8A" Register is set to 0xAA, a hardware reset will be generated.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x85
SRST[7]
SRST[6]
SRST[5]
SRST[4]
SRST[3]
SRST[2]
SRST[1]
SRST[0]
0x8A
SRST[15]
SRST[14]
SRST[13]
SRST[12]
SRST[11]
SRST[10]
SRST[9]
SRST[8]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial val.
0
0
0
0
0
0
0
0


Podobny numer części - BU21072MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21072MUV-E2 ROHM-BU21072MUV-E2 Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
More results

Podobny opis - BU21072MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
   Capacitive switch
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
   Capacitive switch
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com