Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU24032GW-E2 Arkusz danych(PDF) 8 Page - Rohm

Numer części BU24032GW-E2
Szczegółowy opis  u - step System Lens Driver for Digital Still Cameras
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU24032GW-E2 Arkusz danych(HTML) 8 Page - Rohm

Back Button BU24032GW-E2 Datasheet HTML 4Page - Rohm BU24032GW-E2 Datasheet HTML 5Page - Rohm BU24032GW-E2 Datasheet HTML 6Page - Rohm BU24032GW-E2 Datasheet HTML 7Page - Rohm BU24032GW-E2 Datasheet HTML 8Page - Rohm BU24032GW-E2 Datasheet HTML 9Page - Rohm BU24032GW-E2 Datasheet HTML 10Page - Rohm BU24032GW-E2 Datasheet HTML 11Page - Rohm BU24032GW-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Datasheet
Datasheet
8/19
TSZ02201-0M2M0BC12060-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
BU24032GW
●Electrical Characteristics
(Unless otherwise specified, Ta
=25°C, DVDD=3.0V, MVCC=5.0V, DVSS=MGND=0.0V)
Limit
Parameter
Symbol
MIN
TYP
MAX
Unit
Conditions
<Current Consumption>
Quiescence
(DVDD)
ISSD
-
20
50
μA
(MVCC)
ISSM
-
0
10
μA
CMD_RS=0
Operation
(DVDD)
IDDD
-
4
8
mA
CMD_RS=STB=CLK_EN=1
FCLK=24MHz
CLK_DIV setting : 0h
No load
<Logic Block>
Low-level Input Voltage
VIL
DVSS
-
0.3DVDD
V
High-level Input Voltage
VIH
0.7DVDD
-
DVDD
V
Low-level Input Current
IIL
0
-
10
μA VIL=DVSS
High-level Input Current
IIH
0
-
10
μA VIH=DVDD
Low-level Output Voltage
VOL
DVSS
-
0.2DVDD
V
IOL=1.0mA
High-level Output Voltage
VOH
0.8DVDD
-
DVDD
V
IOH=1.0mA
<PI Driving Circuit>
Output Voltage
PIVO
-
0.15
0.5
V
IIH=30mA
<Waveforming Circuit>
High-level Threshold Voltage
VthH
-
-
1.9
V
DVDD=3.25V
Low-level Threshold Voltage
VthL
0.9
-
-
V
DVDD=3.25V
Hysteresis Width
Vhys
0.2
-
0.6
V
DVDD=3.25V
<Voltage Driver Block 1ch-5ch>
ON-resistance
Ron
-
2.0
2.5
IO=±100mA
(the sum of high and low
sides)
OFF-leak Current
IOZ
-10
0
+10
μA Output Hiz setting
Average Voltage Accuracy
between different Output Pins
Vdiff
-5
-
+5
%
STM driver(1ch,2ch)
Vdiff setting : 2Bh
<Current driver block 6ch>
ON-resistance
Ron
-
1.0
1.5
IO=±100mA
(the sum of high and low
sides)
OFF-leak Current
IOZ
-10
0
+10
μA Output Hiz setting
Output Current
IO
193
200
207
mA
DAC setting : 80h
RRNF=1


Podobny numer części - BU24032GW-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24031GW-E2 ROHM-BU24031GW-E2 Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW Datasheet
159Kb / 4P
   Silicon monolithic integrated circuit
BU24033GW ROHM-BU24033GW Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW-E2 ROHM-BU24033GW-E2 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
More results

Podobny opis - BU24032GW-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com