Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N70 Arkusz danych(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Numer części 6N70
Szczegółowy opis  700V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DYELEC [DIYI Electronic Technology Co., Ltd.]
Strona internetowa  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

6N70 Arkusz danych(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  6N70 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 6N70 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. 6N70 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. 6N70 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. 6N70 Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. 6N70 Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. 6N70 Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. 6N70 Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 / 8
THERMAL DATA
6N70
700V N-Channel Power MOSFET
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220
/TO-262/TO-263
ITO-220
θJA
62.5
120
°C/W
Junction to Case
TO-220
/TO-262/TO-263
θJC
0.78
°C/W
ITO-220
2.78
May.2015-REV.00
www.dyelec.com
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
700
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
2
2.8
4
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=3A
-
1.47
1.7
Ω
Zero Gate Voltage Drain Current
IDSS
VDS=700V,VGS=0V
-
0.03
1.0
uA
Gate-Source Leakage Current
IGSS
VGS=+30V,VDS=0V
-
+10
+100
nA
Diode Forward Voltage
VSD
IS=6A,VGS=0V
-
0.87
1.4
V
Dynamic (Note 4)
Total Gate Charge
Qg
VDS=560V, ID=6A,
VGS=10V (Note 2,3)
-
16.5
-
nC
Gate-Source Charge
Qgs
-
4.8
-
Gate-Drain Charge
Qgd
-
5.7
-
Input Capacitance
Ciss
VDS=25V, VGS=0V,
f=1.0MHZ
-
831
-
pF
Output Capacitance
Coss
-
92
-
Reverse Transfer Capacitance
Crss
-
0.8
-
Turn-On Delay Time
td(on)
VDD=350V, ID=6A,
RG=25Ω (Note 2,3)
-
25
-
ns
Turn-On Rise Time
tr
-
38
-
Turn-Off Delay Time
td(off)
-
49
-
Turn-Off Fall Time
tf
-
30
-
Drain-Source Diode
Maximum Continuous Drain-Source
Diode Forward Current
IS
---
-
-
6
A
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
---
-
-
24
A
Reverse Recovery Time
trr
VGS=0V, IS=6A
dIF/ dt=100A/us (Note 2)
-
531
-
ns
Reverse Recovery Charge
Qrr
-
3.3
-
uC


Podobny numer części - 6N70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
6N70 UTC-6N70 Datasheet
174Kb / 6P
   6.0A, 700V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
6N70 ISC-6N70 Datasheet
58Kb / 2P
   Simple Drive Requirements
logo
SUNMATE electronic Co.,...
6N70 SUNMATE-6N70 Datasheet
1Mb / 6P
   N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N70-C UTC-6N70-C Datasheet
200Kb / 6P
   N-CHANNEL POWER MOSFET
6N70-P UTC-6N70-P Datasheet
352Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Podobny opis - 6N70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ12N70 DGNJDZ-NJ12N70 Datasheet
1,009Kb / 9P
   12A 700V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com