Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM110G0 Arkusz danych(PDF) 3 Page - NEC

Numer części SM110G0
Szczegółowy opis  FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES (250 Va.c.) and 3 and 5 AMPERES (50 Vd.c.) Rated Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

SM110G0 Arkusz danych(HTML) 3 Page - NEC

  SM110G0 Datasheet HTML 1Page - NEC SM110G0 Datasheet HTML 2Page - NEC SM110G0 Datasheet HTML 3Page - NEC SM110G0 Datasheet HTML 4Page - NEC SM110G0 Datasheet HTML 5Page - NEC SM110G0 Datasheet HTML 6Page - NEC SM110G0 Datasheet HTML 7Page - NEC SM110G0 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SM/G SERIES
Definition of Terms
q
Rated Functioning Temperature
Rated functioning temperature is the operating temperature of the thermal cutoff, measured using the method
specified in the safety standard. In Electrical Appliance and Material Control Law of Japan, case operation
should be within the specified operating temperature range of
± 7 ˚C. In standards that comply with the IEC
standard (such as UL, CSA, VDE, BEAB), it is called the rated functioning temperature, and should operate
within the prescribed temperature range of +0/–10 ˚C.
It is represented by the symbol TF in the UL standard, and by the symbol Tf in the CSA, VDE and BEAB
standards.
In SEFUSE, a temperature that complies with both standards is set as the rated functioning temperature, and
is indicated on the body of the thermal cutoff.
q
Operating Temperature
Operating temperature is the operating temperature range when the thermal cutoff is made to operate inside
a constant temperature oven whose temperature is raised at the rate of 1 ˚C/min. while a detection current of
100 mA or lower is applied.
The operating temperature is a standard set by NEC and is not specified by a safety standard.
q
TH, Th. Tc (Holding Temperature)
Holding temperature is the maximum temperature at which, when applying a rated current to the thermal
cutoff, the state of conductivity is not changed during 168 hours.
It is represented by the symbol TH in the UL standard, Th in the CSA standard, and Tc in the VDE and BEAB
standards.
q
TM, Tm (Maximum Temperature Limit)
Maximum temperature limit is the maximum temperature for which conductivity does not occur again after
thermal cutoffs operation.
It is represented by the symbol TM in the UL standard and by Tm in the CSA, VDE and BEAB standards.
q
Rated Current
Maximum alternating current that can pass through the thermal cutoff and that the thermal cutoffs can cut off
the circuit in safety and reliability.
q
Rated Voltage
Maximum circuit voltage that the thermal cutoffs can cut off the circuit in safety and reliability.


Podobny numer części - SM110G0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MIC GROUP RECTIFIERS
SM110 MIC-SM110 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM110.SA ETC2-SM110.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
UNIOHM CORPORATION
SM1100A UNIOHM-SM1100A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM1100A SECOS-SM1100A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM1100A TAYCHIPST-SM1100A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SM110G0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
SF139E1 NEC-SF139E1 Datasheet
92Kb / 12P
   ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
logo
DAESAN ELECTRONIC CORP.
MD1S DAESAN-MD1S Datasheet
296Kb / 2P
   CURRENT 0.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Shanghai Yint Electroni...
MB05F YINT-MB05F Datasheet
484Kb / 3P
   VOLTAGE - 50 TO 1000 VOLTS CURRENT - 0.5 AMPERES
logo
Electronic devices inc.
FPIR32 EDI-FPIR32 Datasheet
61Kb / 2P
   FAST RECOVERY, 32, 40 and 50 AMPERES
logo
DAESAN ELECTRONIC CORP.
ER400 DAESAN-ER400 Datasheet
134Kb / 1P
   CURRENT 0.5 Amperes VOLTAGE 20 TO 40 VOLTS
logo
Gaomi Xinghe Electronic...
HER201G GXELECTRONICS-HER201G Datasheet
664Kb / 2P
   CURRENT 2.0 Amperes
logo
List of Unclassifed Man...
LA-75-50 ETC2-LA-75-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
logo
DAESAN ELECTRONIC CORP.
SBR820 DAESAN-SBR820 Datasheet
252Kb / 2P
   CURRENT 8.0 AMPERES
logo
Chenmko Enterprise Co. ...
1N5400GPT CHENMKO-1N5400GPT Datasheet
80Kb / 2P
   JUNCTION PLASTIC RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 3 Amperes
logo
List of Unclassifed Man...
NL-740 ETC2-NL-740 Datasheet
270Kb / 2P
   THYRATRON TUBES 4 Amperes dc - 50 Amperes Peak
More results


Html Pages

1 2 3 4 5 6 7 8