Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K1100E70 Arkusz danych(PDF) 1 Page - Teccor Electronics

Numer części K1100E70
Szczegółowy opis  silicon bilateral voltage triggered switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TECCOR [Teccor Electronics]
Strona internetowa  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

K1100E70 Arkusz danych(HTML) 1 Page - Teccor Electronics

  K1100E70 Datasheet HTML 1Page - Teccor Electronics K1100E70 Datasheet HTML 2Page - Teccor Electronics K1100E70 Datasheet HTML 3Page - Teccor Electronics K1100E70 Datasheet HTML 4Page - Teccor Electronics K1100E70 Datasheet HTML 5Page - Teccor Electronics K1100E70 Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TO-202AB
Type 1
TO-92
Type 70
DO-214AA
Surface Mount
DO-15X
Axial Lead
Do not use mounting tab
or center lead,
electrically connected
Teccor Electronics
9-1
SIDAC
(972) 580-7777
SIDAC
(95 - 330 Volts)
9
General Description
The Sidac is a silicon bilateral voltage triggered switch with
greater power-handling capabilities than standard diacs. Upon
application of a voltage exceeding the Sidac breakover voltage
point, the Sidac switches on through a negative resistance region
to a low on-state voltage. Conduction will continue until the cur-
rent is interrupted or drops below the minimum holding current of
the device.
Teccor offers the complete voltage range (95-330) over three dif-
ferent packages:
TO-92 (95-280 volts)
Axial lead DO-15X (95-280 volts)
Surface Mount DO-214AA (95-280 volts)
TO-202AB (190-330 volts)
Teccor’s Sidacs feature glass passivated junctions to ensure a
rugged and dependable device capable of withstanding harsh
environments.
Variations of devices covered in this data sheet are available for
custom design applications. Please consult the factory for more
information.
Applications
High voltage lamp ignitors
Natural gas ignitors
Gas oil ignitors
High voltage power supplies
Xenon ignitors
Over voltage protector
Pulse generators
Fluorescent lighting ignitors
HID lighting ignitors
Features
AC circuit oriented
Glass-passivated junctions
High surge current capability


Podobny numer części - K1100E70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Teccor Electronics
K1100E70 TECCOR-K1100E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1100E70 LITTELFUSE-K1100E70 Datasheet
181Kb / 7P
   High-voltage lamp ignitors
K1100E70AP LITTELFUSE-K1100E70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K1100E70RP LITTELFUSE-K1100E70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Podobny opis - K1100E70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
   Silicon Bilateral Switch
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
   Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
   Silicon Bilateral Switch
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com