Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW.43.B.SMA-.M Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FW.43.B.SMA-.M
Szczegółowy opis  External ISM Band 433MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FW.43.B.SMA-.M Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FW.43.B.SMA-.M Datasheet HTML 1Page - List of Unclassifed Manufacturers FW.43.B.SMA-.M Datasheet HTML 2Page - List of Unclassifed Manufacturers FW.43.B.SMA-.M Datasheet HTML 3Page - List of Unclassifed Manufacturers FW.43.B.SMA-.M Datasheet HTML 4Page - List of Unclassifed Manufacturers FW.43.B.SMA-.M Datasheet HTML 5Page - List of Unclassifed Manufacturers FW.43.B.SMA-.M Datasheet HTML 6Page - List of Unclassifed Manufacturers FW.43.B.SMA-.M Datasheet HTML 7Page - List of Unclassifed Manufacturers FW.43.B.SMA-.M Datasheet HTML 8Page - List of Unclassifed Manufacturers FW.43.B.SMA-.M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SP-15-8-SPE-16-8-004/A/WY
Page 1 of 11
SPECIFICATION
Part No.
:
FW.43.B.SMA.M
Description
: Meteor
ISM Band 433MHz
Flexible Whip Monopole Antenna SMA(M)
Straight
Features
: External ISM Band 433MHz
Monopole Antenna
Designed for Outdoor Use
60%+ efficiency*
0dBi peak gain*
Robust Inner Steel Core
Antenna Length: 323mm
SMA Type(M) Straight Connector
IP65 dust and water-resistant
*Tested on 30cm*30cm Ground Plane
RoHS ü


Podobny numer części - FW.43.B.SMA-.M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taoglas antenna solutio...
FW.43.B.SMA.M TAOGLAS-FW.43.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
More results

Podobny opis - FW.43.B.SMA-.M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taoglas antenna solutio...
TI100111 TAOGLAS-TI100111 Datasheet
136Kb / 5P
   433MHz ISM Band Terminal Antenna
logo
List of Unclassifed Man...
FXP240070100A ETC2-FXP240070100A Datasheet
368Kb / 5P
   433MHz ISM Band Flex Circuit Antenna
logo
Maxtena Inc.
MEA-915-SM MAXTENA-MEA-915-SM Datasheet
457Kb / 3P
   External 915MHz ISM Band Antenna
REV A
logo
Pulse A Technitrol Comp...
W3127 PULSE-W3127_14 Datasheet
1Mb / 4P
   ISM 433MHz Helical Antenna
W3127 PULSE-W3127 Datasheet
478Kb / 4P
   ISM 433MHz Helical Antenna
logo
List of Unclassifed Man...
TRW-4432-433 ETC2-TRW-4432-433 Datasheet
351Kb / 6P
   433MHz ISM Transceiver Module
logo
Taoglas antenna solutio...
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
   ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
AVX Corporation
9000046-XLPDNB AVX-9000046-XLPDNB Datasheet
1Mb / 4P
   External ISM Antenna
10/21/2019
logo
rfsolutions.ltd
T7-434-075 RFSOLUTIONS-T7-434-075 Datasheet
76Kb / 7P
   FM 433MHz Narrow Band
logo
List of Unclassifed Man...
TI100111 ETC2-TI100111 Datasheet
225Kb / 5P
   433MHz ISM Band Terminal Antenna Omni-directional, with a peak gain of 0dBi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com