Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-51 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części P-51
Szczegółowy opis  Peripheral 8051 System on a Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

P-51 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  P-51 Datasheet HTML 1Page - List of Unclassifed Manufacturers P-51 Datasheet HTML 2Page - List of Unclassifed Manufacturers P-51 Datasheet HTML 3Page - List of Unclassifed Manufacturers P-51 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P-51 Demonstration Circuit
B01
B02
B03
B04
B05
B06
B07
B08
B09
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
GND
RSTDRV
+5V
IRQ9
-5V
DRQ2
-12V
SRDY/
+12V
GND
SMEMW/
SMEMR/
IOW/
IOR/
DACK3/
DRQ3
DACK1/
DRQ1
RFRSH/
SYSCLK
IRQ7
IRQ6
IRQ5
IRQ4
IRQ3
DACK2/
TC
BALE
+5V
OSC
GND
D01
D02
D03
D04
D05
D06
D07
D08
D09
D10
D11
D12
D13
D14
D15
D16
D17
D18
MEMCS16/
IOCS16
IRQ10
IRQ11
IRQ12
IRQ15
IRQ14
DACK0/
DRQ0
DACK5/
DRQ5
DACK6/
DRQ6
DACK7/
DRQ7
+5V
MASTER/
GND
ISA BUS - PC/104
SIGNALS
ISA BUS - PC/104
SIGNALS
A01
A02
A03
A04
A05
A06
A07
A08
A09
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
I/OCHK/
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
IOCHRDY
AEN
SA19
SA18
SA17
SA16
SA15
SA14
SA13
SA12
SA11
SA10
SA09
SA08
SA07
SA06
SA05
SA04
SA03
SA02
SA01
SA00
1
10
19
17
2
15
4
13
6
11
8
20
3
18
5
16
7
14
9
12
1
100
50
51
53
54
55
56
57
58
59
60
61
52
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
47
48
11
10
20
21
22
23
24
25
19
18
17
15
16
VDD
VDD
VDD
VDD
ALI
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
IOCHRDY
SA19
SA18
SA17
SA16
SA15
SA14
SA13
SA12
SA11
SA10
SA09
SA08
SA07
SA06
SA05
SA04
SA03
SA02
SA01
SA00
RESETDRV
MEMW
MEMR
REFRESH
BCLK
IRQ9
IRQ7
IRQ6
IRQ5
IRQ4
IRQ3
IRQ10
IRQ11
IRQ12
IRQ15
IRQ14
9
8
7
6
5
4
3
2
99
98
97
96
94
93
92
91
90
89
88
87
86
85
84
83
81
80
79
78
77
76
75
74
73
72
71
67
66
70
69
68
62
49
12
13
14
63
64
65
82
95
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
CEOUT
ALE
CLKOUT
XTAL2
XTAL1
BA0
BA1
BA2
BA3
CE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
CS-5201-373
VOLTAGE REGULATOR
VIN
GND
VOUT
1N4002
74HCT244
HLMP-6600
LEDS
+5V
+3.3V
22uF
47uF
+3.3V
0.1uF
CRYSTAL
OSCILLATOR
1-60 Mhz
ADDR SWITCH
P-51
Cybernetic Micro Systems 12 MAY 2000
www.ControlChips.com
+5V
0.1uF
+3.3V
0.22uF
0.22uF
470pF
470pF
C01
C02
C03
C04
C05
C06
C07
C08
C09
C10
C11
C12
C13
C14
C15
C16
C17
C18
SBHE/
LA23
LA22
LA21
LA20
LA19
LA18
LA17
MEMR/
MEMW/
SD08
SD09
SD10
SD11
SD12
SD13
SD14
SD15
PO Box 3000, San Gregorio CA 94074 • info@ControlChips.com
Tel: 650-726-3000 • Fax: 650-726-3003 • www.ControlChips.com
Cybernetic
Micro Systems
12MAY2000
P-
51


Podobny numer części - P-51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
P-5015 ETC2-P-5015 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
P-5016 ETC2-P-5016 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
logo
Advanced Photonix, Inc.
P-50A ADVANCEDPHOTONIX-P-50A Datasheet
102Kb / 2P
   An ultrafast, InGaAs PIN photodetector designed
P-50A8V ADVANCEDPHOTONIX-P-50A8V Datasheet
102Kb / 2P
   An ultrafast, InGaAs PIN photodetector designed
P-50AFC ADVANCEDPHOTONIX-P-50AFC Datasheet
102Kb / 2P
   An ultrafast, InGaAs PIN photodetector designed
More results

Podobny opis - P-51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
PSB21553E INFINEON-PSB21553E Datasheet
198Kb / 2P
   VoIP System on a Chip
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110 TI-CC1110 Datasheet
1Mb / 203P
[Old version datasheet]   True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Freescale Semiconductor...
MC9S12UF32 FREESCALE-MC9S12UF32 Datasheet
1Mb / 128P
   System on a Chip Guide V01.05
logo
Zoran Corporation
ZR391055 ZORAN-ZR391055 Datasheet
66Kb / 2P
   Integrated DTV System On a Chip
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8582 HOLTIC-HI-8582_13 Datasheet
236Kb / 16P
   ARINC 429 System on a Chip
logo
Cirrus Logic
CL-PS7111 CIRRUS-CL-PS7111 Datasheet
1Mb / 105P
   Low-Power System-on-a-Chip
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582 Datasheet
419Kb / 15P
   ARINC 429 SYSTEM ON A CHIP
logo
Cirrus Logic
CL-PS7110 CIRRUS-CL-PS7110 Datasheet
1Mb / 82P
   Low-Power System-on-a-Chip
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com