Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC377 Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC74AC377
Szczegółowy opis  Octal D Flip-Flop with Clock Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC377 Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC74AC377 Datasheet HTML 1Page - ON Semiconductor MC74AC377 Datasheet HTML 2Page - ON Semiconductor MC74AC377 Datasheet HTML 3Page - ON Semiconductor MC74AC377 Datasheet HTML 4Page - ON Semiconductor MC74AC377 Datasheet HTML 5Page - ON Semiconductor MC74AC377 Datasheet HTML 6Page - ON Semiconductor MC74AC377 Datasheet HTML 7Page - ON Semiconductor MC74AC377 Datasheet HTML 8Page - ON Semiconductor MC74AC377 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC74AC377, MC74ACT377
www.onsemi.com
7
ORDERING INFORMATION
Device
Package
Shipping
MC74AC377DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74AC377DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74ACT377DWG
SOIC−20
(Pb−Free)
38 Units / Rail
MC74ACT377DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
MC74AC377DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
MC74AC377DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
SOIC−20W
TSSOP−20
1
20
AC
377
ALYW
G
G
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
20
ACT
377
ALYW
G
G
20
1
ACT377
AWLYYWWG
20
1
AC377
AWLYYWWG


Podobny numer części - MC74AC377

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377 Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377 Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
MC74AC377DT ONSEMI-MC74AC377DT Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
MC74AC377DT ONSEMI-MC74AC377DT Datasheet
122Kb / 10P
   Octal D Flip?묯lop with Clock Enable
December, 2006 ??Rev. 9
More results

Podobny opis - MC74AC377

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
54F377 TI1-54F377 Datasheet
392Kb / 10P
[Old version datasheet]   54F377 Octal D Flip-Flop with Clock Enable
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com