Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74ACT253DG Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC74ACT253DG
Szczegółowy opis  Dual 4-Input Multiplexer with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT253DG Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC74ACT253DG Datasheet HTML 1Page - ON Semiconductor MC74ACT253DG Datasheet HTML 2Page - ON Semiconductor MC74ACT253DG Datasheet HTML 3Page - ON Semiconductor MC74ACT253DG Datasheet HTML 4Page - ON Semiconductor MC74ACT253DG Datasheet HTML 5Page - ON Semiconductor MC74ACT253DG Datasheet HTML 6Page - ON Semiconductor MC74ACT253DG Datasheet HTML 7Page - ON Semiconductor MC74ACT253DG Datasheet HTML 8Page - ON Semiconductor MC74ACT253DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC74AC253, MC74ACT253
www.onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Zn
5.0
2.0
11.5
2.0
13.0
ns
3−6
tPHL
Propagation Delay
Sn to Zn
5.0
3.0
13.0
2.5
14.5
ns
3−6
tPLH
Propagation Delay
In to Zn
5.0
2.5
10.0
2.0
11.0
ns
3−5
tPHL
Propagation Delay
In to Zn
5.0
3.5
11.0
3.0
12.5
ns
3−5
tPZH
Output Enable Time
5.0
2.0
7.5
1.5
8.5
ns
3−7
tPZL
Output Enable Time
5.0
2.0
8.0
1.5
9.0
ns
3−8
tPHZ
Output Disable Time
5.0
3.0
9.5
2.5
10.0
ns
3−7
tPLZ
Output Disable Time
5.0
2.5
7.5
2.0
8.5
ns
3−8
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V
ORDERING INFORMATION
Device Order Number
Package
Shipping
MC74AC253DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74AC253DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74AC253DTR2G
TSSOP−16
(Pb−Free)
2500 Tape & Reel
MC74ACT253DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC74ACT253DR2G
SOIC−16
(Pb−Free)
2500 Tape & Reel
MC74ACT253DTR2G
TSSOP−16
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - MC74ACT253DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74ACT253D ONSEMI-MC74ACT253D Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74ACT253DR2 ONSEMI-MC74ACT253DR2 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74ACT253DT ONSEMI-MC74ACT253DT Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74ACT253DTR2 ONSEMI-MC74ACT253DTR2 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
More results

Podobny opis - MC74ACT253DG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com