Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-1393779-8 Arkusz danych(PDF) 1 Page - TE Connectivity Ltd

Numer części 5-1393779-8
Szczegółowy opis  Au clad contacts in a 1 Form C (CO) arrangement
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393779-8 Arkusz danych(HTML) 1 Page - TE Connectivity Ltd

  5-1393779-8 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393779-8 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
n
Au clad contacts in a 1 Form C (CO) arrangement
n
Standard 0.1” (2.54mm) grid spacing in a DIP configuration
n
Standard or sensitive DC coils through 24 volts
n
High dielectric strength
n
Wash tight case
n
Quiet operation for security applications
Typical applications
Audio communications circuits, logic and process control, vending
machines, thermostats, office automation
Approvals
UL E29244, CSA LR48471
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO)
Rated voltage
24VDC, 120VAC
Max. switching voltage
60VDC, 125VAC
Rated current
1A
Limiting continuous current
2A
Switching power
120VA, 30W
Contact material
Au overlay AgPd alloy
Contact style
single contact
Min. recommended contact load
1mA at 1VDC
Initial contact resistance
50mΩ at 100mA, 6VDC
Frequency of operation
72000 ops/h
Operate/release time max.
standard coil
5/7ms
sensitive coil
10/7ms
Electrical endurance
1A, 120VAC, resistive
100x103 ops.
1A, 24VDC, resistive
100x103 ops.
Contact ratings
1A, 120VAC/24VDC, resistive
2A, 125VAC/30VDC, resistive (NO)
Mechanical endurance
10x106 ops.
Coil Data
Magnetic system
neutral
Coil voltage range
5 to 24VDC
Max. coil temperature
105°C
Coil Data (continued)
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
Standard coil, 450mW
05
5
3.5
0.25
55
450
06
6
4.2
0.3
80
450
09
9
6.3
0.45
180
450
12
12
8.4
0.6
320
450
24
24
16.8
1.2
1280
450
Sensitive coil, 200mW
05
5
3.75
0.5
125
200
06
6
4.5
0.6
180
200
09
9
6.75
0.9
400
200
12
12
9.0
1.2
700
200
24
24
18.0
2.4
2800
200
All figures are given for coil without preenergization, at ambient temperature +23°C.
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
1000Vrms
Initial surge withstand voltage
1500Vrms (10/160μs)
Initial insulation resistance
between insulated elements
109
Clearance/creepage
between contact and coil
1.5/1.76mm
Signal Relays
T81 Series Signal PCB Relay
Electrical endurance
Operate time
Coil temperature rise
100
0.2
Contact Current (A)
10
1
0.4
0.6
0.8
1.0
1.2
120VAC Resistive
24VDC Resistive
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Powe r (W)
Release Time
Operate Time
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Powe r (W)
60
50
40
30
20
10
C
U


Podobny numer części - 5-1393779-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-1393763-0 MACOM-5-1393763-0 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
5-1393763-0 MACOM-5-1393763-0 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
5-1393763-0 TEC-5-1393763-0 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
5-1393763-0 TEC-5-1393763-0 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
logo
Tyco Electronics
5-1393763-1 MACOM-5-1393763-1 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
More results

Podobny opis - 5-1393779-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
   1 through 8 form C (CO) contact arrangement
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
logo
List of Unclassifed Man...
RM737012 ETC2-RM737012 Datasheet
487Kb / 4P
   2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com