Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8-1393215-1 Arkusz danych(PDF) 1 Page - TE Connectivity Ltd

Numer części 8-1393215-1
Szczegółowy opis  Vertical and horizontal version
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1393215-1 Arkusz danych(HTML) 1 Page - TE Connectivity Ltd

  8-1393215-1 Datasheet HTML 1Page - TE Connectivity Ltd 8-1393215-1 Datasheet HTML 2Page - TE Connectivity Ltd 8-1393215-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01-2015, Rev. 0115
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
n
4kV coil-contact
n
Vertical and horizontal version
n
Wash tight
n
RoHS compliant (Directive 2011/65/EC)
Typical applications
I/O modules, heating control, timers
Approvals
VDE Cert. No. 5146, UL E214025
Technical data of approved types on request
Contact Data
8A
5A
bifurcated
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A
5A
5A
Limiting making current,
max 4 s, duty factor 10%
15A
-
-
Breaking capacity max.
2000VA
1250VA
1250VA
Contact material
AgCdO,
AgNi0.15
AgNi0.15
AgNi20
Contact style
single
single
bifurcated
contact
contact
contact
Frequency of operation, with/without load
360/72000h-1
Operate/release time typ.
7/3ms
Bounce time typ., form A/form B
0.5/3ms
Contact ratings
Type
Contact
Load
Cycles
IEC61810
AgCdO
C (CO)
8A, 250VAC, resistive, 70°C
20x103
AgNi20
C (CO)
8A, 250VAC, resistive 70°C
20x103
AgCdO
A (NO)
8A, 250VAC, resistive, 70°C
20x103
AgNi20
A (NO)
8A, 250VAC, resistive, 70°C
30x103
AgNi0.15
A (NO)
5A, 250VAC, resistive, 70°C
20x103
Mechanical endurance
>20x106 operations
Coil Data
Coil voltage range
6 to 110VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±15%1)
mW
001
6
4.2
0.6
801)
450
002
12
8.3
1.2
3301)
436
006
24
16.8
2.4
1200
480
013
48
33.6
4.8
4700
490
023
60
42.0
6.0
7200
500
028
110
77.0
11.0
23400
517
1) Coil resistance ±10%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥4/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI225V
Power PCB Relay Card E
Z


Podobny numer części - 8-1393215-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
8-1393215-1 MACOM-8-1393215-1 Datasheet
460Kb / 3P
   Power PCB Relay Card E
logo
TE Connectivity Ltd
8-1393215-1 TEC-8-1393215-1 Datasheet
332Kb / 3P
   Vertical and horizontal version
8-1393215-1 TEC-8-1393215-1 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
More results

Podobny opis - 8-1393215-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
PCB-E TEC-PCB-E Datasheet
332Kb / 3P
   Vertical and horizontal version
logo
STMicroelectronics
TDA8185 STMICROELECTRONICS-TDA8185 Datasheet
471Kb / 7P
   HORIZONTAL AND VERTICAL PROCESSOR
logo
OmniVision Technologies...
OV2718 OMNIVISION-OV2718 Datasheet
940Kb / 2P
   horizontal and vertical sub-sampling
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
logo
OmniVision Technologies...
OX02A10 OMNIVISION-OX02A10 Datasheet
645Kb / 2P
   horizontal and vertical sub-sampling
logo
STMicroelectronics
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
94Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
September 1996
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com