Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8V43FS92432PRGI8 Arkusz danych(PDF) 4 Page - Integrated Device Technology

Numer części 8V43FS92432PRGI8
Szczegółowy opis  1360MHz Dual Output LVPECL Clock Synthesizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

8V43FS92432PRGI8 Arkusz danych(HTML) 4 Page - Integrated Device Technology

  8V43FS92432PRGI8 Datasheet HTML 1Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 2Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 3Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 4Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 5Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 6Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 7Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 8Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
8V43FS92432 DATA SHEET
1360MHZ DUAL OUTPUT LVPECL CLOCK SYNTHESIZER
4
REVISION 1 10/28/15
34
VCC
Power
Positive supply for I/O and core.
35
NB
Input
Pulldown
PLL post-divider configuration for output QB.
36
VCC
Power
Positive supply for I/O and core.
37
GND
Power
Power supply ground.
38
NA2
Input
Pulldown
PLL post-divider configuration for output QA.
39
NA1
Input
Pullup
PLL post-divider configuration for output QA.
40
NA0
Input
Pulldown
PLL post-divider configuration for output QA.
41
nPLOAD
Input
Pulldown
Selects the programming interface.
42
VCC
Power
Positive supply for I/O and core.
43
nMR
Input
Pullup
Device master reset.
44
SDA
I/O
Pullup
I2C data.
45
SCL
Input
Pullup
I2C clock.
46
ADR1
Input
Pulldown
Selectable two bits of the I2C slave address.
47
ADR0
Input
Pulldown
Selectable two bits of the I2C slave address.
48
P
Input
Pullup
PLL pre-divider configuration.
NOTE 1. Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics table
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
2pF
RPULLUP
Input Pullup Resistor
75
k
RPULLDOWN Input Pulldown Resistor
75
k
Table 1. Pin Description Table
Number
Name
Type1
Description


Podobny numer części - 8V43FS92432PRGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
More results

Podobny opis - 8V43FS92432PRGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
   1428 MHz Dual Output LVPECL Clock Synthesizer
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
   1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
logo
Renesas Technology Corp
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Exar Corporation
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com