Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8V43FS92432PRGI8 Arkusz danych(PDF) 8 Page - Integrated Device Technology

Numer części 8V43FS92432PRGI8
Szczegółowy opis  1360MHz Dual Output LVPECL Clock Synthesizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

8V43FS92432PRGI8 Arkusz danych(HTML) 8 Page - Integrated Device Technology

Back Button 8V43FS92432PRGI8 Datasheet HTML 4Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 5Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 6Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 7Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 8Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 9Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 10Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 11Page - Integrated Device Technology 8V43FS92432PRGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8V43FS92432 DATA SHEET
1360MHZ DUAL OUTPUT LVPECL CLOCK SYNTHESIZER
8
REVISION 1 10/28/15
Table 7. AC Characteristics, VCC = 3.3 V ± 5%, GND = 0V, TJ = –40°C to +85°C)
1 2
Symbol
Parameter
Condition
Minimum
Typical
Maximum
Unit
fXTAL
Crystal Interface Frequency Range
15
16
20
MHz
fREF
FREF_EXT
Reference Frequency Range
15
20
MHz
fVCO
VCO Frequency Range3
1360
2720
MHz
fOUT
Output Frequency4
N = ÷2
680
1360
MHz
N = ÷4
340
680
MHz
N = ÷8
170
340
MHz
N = ÷16
85
170
MHz
N = ÷32
42.5
85
MHz
N = ÷64
21.25
42.5
MHz
fSCL
Serial Interface (I2C) Clock Frequency
0
0.4
MHz
tP,MIN
Minimum Pulse Width (nPLOAD)
50
ns
DC
Output Duty Cycle5
45
50
55
%
tSK(O)
Output-to-Output Skew5
NB = 0 (fQA = fQB)38
ps
NB = 1 (fQA = 2 · fQB)96
ps
tr, tf
Output Rise/Fall Time (QA, QB)5
20% to 80%
0.05
0.3
ns
tr, tf
Output Rise/Fall Time (SDA)
CL = 400pF
250
ns
tP_EN
Output Enable Time
(nCLK_STOP[A:B] to QA, QB)
TQx = Output Period
3.0 · TQx
ns
tP_DIS
Output Disable Time
(nCLK_STOP[A:B] to QA, QB)
TQx = Output Period
3.0 · TQx
ns
tJIT(CC)
Cycle-to-Cycle
Jitter (RMS 1
)6
NB = 0
(F_QA = F_QB)
N = ÷2
27
ps
N = ÷4
23
ps
N = ÷8
21
ps
N = ÷16
28
ps
N = ÷32
32
ps
N = ÷64
42
ps
NB = 1
(F_QA = 2 * F_QB)
N = ÷2
51
ps
N = ÷4
38
ps
N = ÷8
41
ps
N = ÷16
44
ps
N = ÷32
50
ps
N = ÷64
57
ps
N = ÷128, QB only
49
ps


Podobny numer części - 8V43FS92432PRGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
More results

Podobny opis - 8V43FS92432PRGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
   1428 MHz Dual Output LVPECL Clock Synthesizer
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
   1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625 Datasheet
139Kb / 6P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 0; 4/09
logo
Renesas Technology Corp
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
logo
Maxim Integrated Produc...
DS4625 MAXIM-DS4625_10 Datasheet
151Kb / 7P
   3.3V Dual-Output LVPECL Clock Oscillator
Rev 1; 3/10
logo
Exar Corporation
XR81102 EXAR-XR81102 Datasheet
176Kb / 8P
   Universal Clock - High Frequency LVPECL Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com