Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8V44S269NLGI Arkusz danych(PDF) 7 Page - Integrated Device Technology

Numer części 8V44S269NLGI
Szczegółowy opis  FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

8V44S269NLGI Arkusz danych(HTML) 7 Page - Integrated Device Technology

Back Button 8V44S269NLGI Datasheet HTML 3Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 4Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 5Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 6Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 7Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 8Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 9Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 10Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
©2016 Integrated Device Technology, Inc.
May 9, 2016
8V44S269 Datasheet
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only. Functional operation of the product at these conditions or any conditions beyond those listed in the DC Characteristics or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Table 4. Absolute Maximum Ratings
Supply Voltage, VDD
4.6V
Inputs, VI
XTAL_IN
Other Inputs
0V to 2V
-0.5V to VDD + 0.5V
Outputs, VO (LVCMOS)
-0.5V to VDDOn
1 + 0.5V
Outputs, IO (LVDS)
Continuous Current
Surge Current
10mA
15mA
Storage Temperature, TSTG
-65
C to 150C
Junction Temperature, TJ
125
C
DC Electrical Characteristics
Item
Rating
NOTE 1. VDDOn denotes VDDOC, VDDOR0, VDDOR1, VDDOR2.
Table 5A. Power Supply DC Characteristics,
VDD = 3.3V±5%, VDDOA = VDDOB = 2.5V±5%, VDDORn,
1 V
DDOC = (2.5V to 3.3V) ±5%, 1.8V ± 0.2V, TA = -55°C to 105°C
NOTE 1. VDDOn denotes VDDOR0, VDDOR1, VDDOR2.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.16
3.3
VDD
V
VDDOA, B
LVDS
Output Supply Voltage
2.375
2.5
2.625
V
VDDOR0, VDDOR1,
VDDOR2, VDDOC
LVCMOS
Output Supply Voltage2
NOTE 2. Each VDDORn (n = 0 to 2) and VDDOC voltage may be left open, connected to GND or supplied by 1.8V, 2.5V or 3.3V.
1.6
1.8
2.0
V
2.375
2.5
2.625
V
3.135
3.3
3.465
V
IDD
Core Supply Current
80
91
mA
IDDA
Analog Supply Current
12
16
mA
IDDOA + IDDOB
LVDS
Output Supply Current
122
137
mA
IDDORn
3
+ IDDOC
NOTE 3. IDDORn denotes IDDOR0, IDDOR1, IDDOR2.
LVCMOS
Output Power Current
QC, QREF[0:2];
No External Load
23
mA


Podobny numer części - 8V44S269NLGI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V44S269 RENESAS-8V44S269 Datasheet
891Kb / 29P
   FemtoClock® Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
May 9, 2016
More results

Podobny opis - 8V44S269NLGI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V44S269 RENESAS-8V44S269 Datasheet
891Kb / 29P
   FemtoClock® Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
May 9, 2016
logo
Integrated Device Techn...
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
83908-02 IDT-83908-02 Datasheet
335Kb / 16P
   FemtoClock Crystal-to-LVDS 8-Output Clock Synthesizer
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
   FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
   FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
83908-02 RENESAS-83908-02 Datasheet
617Kb / 17P
   FemtoClock® Crystal-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com