Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8V44S269NLGI Arkusz danych(PDF) 8 Page - Integrated Device Technology

Numer części 8V44S269NLGI
Szczegółowy opis  FemtoClock Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

8V44S269NLGI Arkusz danych(HTML) 8 Page - Integrated Device Technology

Back Button 8V44S269NLGI Datasheet HTML 4Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 5Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 6Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 7Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 8Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 9Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 10Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 11Page - Integrated Device Technology 8V44S269NLGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
©2016 Integrated Device Technology, Inc.
May 9, 2016
8V44S269 Datasheet
Table 5B. LVCMOS/LVTTL DC Characteristics,
VDD = 3.3V±5%, VDDORn,
1 V
DD
OC = (2.5V to 3.3V) ±5%, 1.8V ± 0.2V, TA = -55°C to 105°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage2
VDD = 3.3V
2.2
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
IIH
Input
High Current
REF_SEL,
nOEA[0:3],
nOEB[0:1],
nOER[0:1],
BYPASS,
REF_CLK
VDD = VIN = 3.465V
150
µA
IIL
Input
Low Current
REF_SEL,
nOEA[0:3],
nOEB[0:1],
nOER[0:1],
BYPASS,
REF_CLK
VDD = 3.465V, VIN = 0V
-5
µA
VOH
Output
High
Voltage3
QC,
QREF[0:2]
VDDOn
4 = 3.465V
2.6
V
VDDOn
4 = 2.625V
1.8
V
VDDOn
4 = 2V
1.5
V
VOL
Output
Low Voltage3
QC,
QREF[0:2]
VDDOn
4 = 3.465V
0.5
V
VDDOn
4 = 2.625V
0.5
V
VDDOn
4 = 2V
0.4
V
NOTE 1. VDDORn denotes VDDOR0, VDDOR1, VDDOR2.
NOTE 2. nOEA[0:3], nOEB[0:1], nOER[0:1], nOEC, BYPASS and REF_CLK inputs are 3.3V tolerant.
NOTE 3. Output terminated with 50
 to V
DD/ 2. See Section, “Parameter Measurement Information”.
NOTE 4. VDDOn denotes VDDOC, VDDOR0, VDDOR1, VDDOR2.
Table 5C. LVDS DC Characteristics, VDD = 3.3V±5%, VDDOA = VDDOB = 2.5V±5%, TA = -55°C to 105°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
247
488
mV
V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
0.975
1.375
V
V
OS
VOS Magnitude Change
50
mV
Table 6. Crystal Characteristics
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
25
MHz
Equivalent Series Resistance (ESR)
80
Shunt Capacitance
7pF
Capacitive Loading (CL)
12
pF


Podobny numer części - 8V44S269NLGI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V44S269 RENESAS-8V44S269 Datasheet
891Kb / 29P
   FemtoClock® Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
May 9, 2016
More results

Podobny opis - 8V44S269NLGI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
8V44S269 RENESAS-8V44S269 Datasheet
891Kb / 29P
   FemtoClock® Crystal-to-LVDS, LVCMOS 10-Output Clock Synthesizer
May 9, 2016
logo
Integrated Device Techn...
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
83908-02 IDT-83908-02 Datasheet
335Kb / 16P
   FemtoClock Crystal-to-LVDS 8-Output Clock Synthesizer
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
   FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
   FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
83908-02 RENESAS-83908-02 Datasheet
617Kb / 17P
   FemtoClock® Crystal-to-LVDS 8-Output Clock Synthesizer
April 7, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com