Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV-101-27E Arkusz danych(PDF) 1 Page - Ohmite Mfg. Co.

Numer części MV-101-27E
Szczegółowy opis  Minimum assembly cost and labor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OHMITE [Ohmite Mfg. Co.]
Strona internetowa  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MV-101-27E Arkusz danych(HTML) 1 Page - Ohmite Mfg. Co.

  MV-101-27E Datasheet HTML 1Page - Ohmite Mfg. Co. MV-101-27E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
177
M Series Heatsinks
Heatsink with clips for TO-264 and TO-247
Thermal
Surface Area
Weight Resistance
Part No.
(in2/mm2)
(oz./g)
(°c/w)*
MV-102-55E 45 / 29,097
2.2 / 63
6.0
MA-102-55E 45 / 29,097
2.2 / 63
5.2
MV-101-27E 22 / 14,284
1.1 / 31
9.6
MA-101-27E 22 / 14,284
1.1 / 31
8.0
MV-302-55E 76 / 49,218 4.7 / 134
3.6
MA-302-55E 76 / 49,218 4.7 / 134
3.0
MV-301-27E 37.3 / 24,161 2.3 / 66
5.5
MA-301-27E 37.3 / 24,161 2.3 / 66
4.6
* R-thetac-a for 18W dissipation total for two devices in natural convection
Fea ture S
•Minimumassemblycostandlabor.SpringClips
makethemountingholesandfastenersobsoletein
assemblyoperations&reducecosts.
•MaximumThermalTransfer.Maximumsurfacearea
perunitvolume,efficientcoolingfins&consistent
mountingforcereducesthermalresistance
•MaximumRepeatability.Constantspringforceover
repeatedassembly/disassembly
•MaximumReliability.Resilientspringactionlocks
electroniccomponentinplace.Fewerpartsin
assemblyandnofastenersandwashersrequired.
Preventshortcircuitbyeliminatingmetalparticles
generatedfromhardwareorthreadtapping
•DesignFlexibility.Maximumflexibilityfordynamic
devicelocationsandpowerupgrading.“Configure-
to-Fit”&“Scale-to-Meet”optionsgivedesignersthe
totalfreedomtoconfiguretheheatsinktofittheir
packagingdesignsandtoscaletheheatsinkto
meettheirpowerdissipations.
C H ara C teri S ti CS
Heat Sink Aluminum Alloy 6063-T5 or Equivalent with either degreased or black anodized
finish.
Spring Clip Music Wire, Per ASTM A228 with bright nickel plating
Solder Foot Cold-rolled Steel, Per ASTM A-366 with pure tin over copper strike. RoHS com-
pliant.
Interface thermal resistance Thermal joint compound or 0.005 Grafoil (TGon 800 by Laird)
Interface electrical isolation Sil-Pad 900S by Bergquist or equivalent
S erie S S pe C i F i C ation S
OhmiteintroducestheMseries,patented(Pat.No.
7,151,669),highperformance,lowcost,configu-
rable,scalableandcompactheatsinkwithmatrixclip
systemforTO-247andTO-264packages.Thispow-
erfulheatsinkprovidestheeasiestassembly,largest
surfaceareaandsmallestfootprint.Itistheideal
typeofheatsinkforhighpowerdensityandsmall
size(1Uor2U)electronicpackagingwithforcedcon-
vectioncooling.
(continued)


Podobny numer części - MV-101-27E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
More results

Podobny opis - MV-101-27E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
SRB TEC-SRB Datasheet
755Kb / 5P
   Minimum Depth, Cost-effective Shielded Power Inlet Filter
logo
Ohmite Mfg. Co.
SINK-R2 OHMITE-SINK-R2 Datasheet
333Kb / 2P
   Reduced Assembly Cost
logo
New Jersey Semi-Conduct...
U401 NJSEMI-U401 Datasheet
96Kb / 2P
   Minimum System Error and Calibration
logo
Maxim Integrated Produc...
78M6612-DB-RF MAXIM-78M6612-DB-RF Datasheet
2Mb / 41P
   Minimum and peak parameter tracking
logo
WALSIN TECHNOLOGY CORPO...
RFANT6050110L0T WALSIN-RFANT6050110L0T Datasheet
503Kb / 10P
   SMD antenna requires least space and lowest assembly cost
logo
Silergy Corp.
SY7088 SILERGY-SY7088 Datasheet
1Mb / 7P
   2.3V Minimum Input and 5.5V Maximum Output 2.3V Minimum Input and 5.5V Maximum Output
Rev. 0.1A
logo
Laird Tech Smart Techno...
POE-HP-XXI LSTD-POE-HP-XXI Datasheet
814Kb / 2P
   Minimum cross talk and insertion loss
logo
International Rectifier
IRS27951S IRF-IRS27951S Datasheet
550Kb / 28P
   Programmable minimum and maximum switching frequency
logo
Murata Manufacturing Co...
CSTLS16M0X51-B0 MURATA-CSTLS16M0X51-B0 Datasheet
191Kb / 3P
   cost-effective and reliable availability
CSTLS5M50G56-B0 MURATA-CSTLS5M50G56-B0 Datasheet
190Kb / 3P
   cost-effective and reliable availability
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com