Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-101-001 Arkusz danych(PDF) 6 Page - Schurter Inc.

Numer części 3-101-001
Szczegółowy opis  Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-101-001 Arkusz danych(HTML) 6 Page - Schurter Inc.

  3-101-001 Datasheet HTML 1Page - Schurter Inc. 3-101-001 Datasheet HTML 2Page - Schurter Inc. 3-101-001 Datasheet HTML 3Page - Schurter Inc. 3-101-001 Datasheet HTML 4Page - Schurter Inc. 3-101-001 Datasheet HTML 5Page - Schurter Inc. 3-101-001 Datasheet HTML 6Page - Schurter Inc. 3-101-001 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Metal Line Switches
MSM LA 22
www.schurter.com /PG70
Switches
All Variants
Diameter
Number
of Poles
Switching
Current
Illumination, LED
Torsion Protection Config. Code
Order Number
[mm]
22
1-pole
12 A
non-illuminated
yes
MSM 22 LA ST
1241.6831.1110000
22
1-pole
12 A
Point Illumination, red
yes
MSM 22 LA PI red
1241.6833.1111000
22
1-pole
12 A
Point Illumination, green
yes
MSM 22 LA PI green
1241.6833.1112000
22
1-pole
12 A
Point Illumination, blue
yes
MSM 22 LA PI blue
1241.6833.1114000
22
1-pole
12 A
Ring Illumination, red, 24 VDC
yes
MSM 22 LA RI red
1241.6834.1111000
22
1-pole
12 A
Ring Illumination, green, 24 VDC
yes
MSM 22 LA RI green
1241.6834.1112000
22
1-pole
12 A
Ring Illumination, blue, 24 VDC
yes
MSM 22 LA RI blue
1241.6834.1114000
22
2-pole
12 A
non-illuminated
yes
MSM 22 LA ST
1241.6831.1120000
22
2-pole
12 A
Point Illumination, red
yes
MSM 22 LA PI red
1241.6833.1121000
22
2-pole
12 A
Point Illumination, green
yes
MSM 22 LA PI green
1241.6833.1122000
22
2-pole
12 A
Point Illumination, blue
yes
MSM 22 LA PI blue
1241.6833.1124000
22
2-pole
12 A
Ring Illumination, red, 24 VDC
yes
MSM 22 LA RI red
1241.6834.1121000
22
2-pole
12 A
Ring Illumination, green, 24 VDC
yes
MSM 22 LA RI green
1241.6834.1122000
22
2-pole
12 A
Ring Illumination, blue, 24 VDC
yes
MSM 22 LA RI blue
1241.6834.1124000
22
1-pole
16 A
non-illuminated
yes
MSM 22 LA ST
3-101-001
22
1-pole
16 A
Ring Illumination, red, 24 VDC
yes
MSM 22 LA RI red
3-101-013
22
1-pole
16 A
Ring Illumination, green, 24 VDC
yes
MSM 22 LA RI green
3-101-014
22
1-pole
16 A
Ring Illumination, blue, 24 VDC
yes
MSM 22 LA RI blue
3-101-015
22
2-pole
16 A
Ring Illumination, green, 24 VDC
yes
MSM 22 LA RI green
3-100-912
22
2-pole
16 A
non-illuminated
yes
MSM 22 LA ST
3-101-012
22
2-pole
16 A
Ring Illumination, red, 24 VDC
yes
MSM 22 LA RI red
3-101-016
22
2-pole
16 A
Ring Illumination, blue, 24 VDC
yes
MSM 22 LA RI blue
3-101-018
Legend:
Type: MSM
CS = Ceramic Surface
ST = Standard: not lettered
LE = Lettering: lettered
AI = BL = Full Surface Backlighting: Lettering possible (see Lettering, last 3 digits)
Customer-specific versions available on request.
Special materials for use in salt and chlorinated environment on request.
The nut with gasket and micro switch are enclosed in the box.
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 in box with insert


Podobny numer części - 3-101-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
3-101-001 SCHURTER-3-101-001 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results

Podobny opis - 3-101-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
MSMLACS19 SCHURTER-MSMLACS19 Datasheet
716Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_V02 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLACS19 SCHURTER-MSMLACS19_V02 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22_18 Datasheet
1Mb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_V02 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com