Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-101-041 Arkusz danych(PDF) 4 Page - Schurter Inc.

Numer części 3-101-041
Szczegółowy opis  Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-101-041 Arkusz danych(HTML) 4 Page - Schurter Inc.

  3-101-041 Datasheet HTML 1Page - Schurter Inc. 3-101-041 Datasheet HTML 2Page - Schurter Inc. 3-101-041 Datasheet HTML 3Page - Schurter Inc. 3-101-041 Datasheet HTML 4Page - Schurter Inc. 3-101-041 Datasheet HTML 5Page - Schurter Inc. 3-101-041 Datasheet HTML 6Page - Schurter Inc. 3-101-041 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Metal Line Switches
MSM LA CS 22
www.schurter.com /PG70
Switches
Diagrams
MSM LA CS ST / single-pole
MSM LA CS ST / double-pole
MSM LA CS AI / single-pole
Rv
Rv
LD 3
LD 2
LD 1
LD 4
LD 5
LD 6
MSM LA CS AI / double-pole
Rv
Rv
LD 3
LD 2
LD 1
LD 4
LD 5
LD 6
Contact Layout single-pole
4.8
0.8
0.8
9.4
Contact Layout double-pole
4.8
0.8
9.4
Lettering
The last three digits in the order number define the lettering:
000
No Lettering
001-074
Standard Lettering
101-
Customized Lettering
Lettering Colour of Laser Lettering
Material
Lettering Colour
Ceramic
black
Filled letters


Podobny numer części - 3-101-041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
3-101-041 SCHURTER-3-101-041 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results

Podobny opis - 3-101-041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS19 SCHURTER-MSMLACS19 Datasheet
716Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_V02 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLACS19 SCHURTER-MSMLACS19_V02 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22_18 Datasheet
1Mb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_V02 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com