Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BFY64 Arkusz danych(PDF) 1 Page - Seme LAB

Numer części BFY64
Szczegółowy opis  Bipolar PNP Device
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFY64 Arkusz danych(HTML) 1 Page - Seme LAB

  BFY64 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BFY64
Bipolar PNP Device.
V
CEO =
40V
I
C = 0.5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
0.5
A
h
FE
@ 10/10m (V
CE / IC)
80
-
f
t
200M
Hz
P
D
0.7
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar PNP Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Podobny numer części - BFY64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
BFY64 CENTRAL-BFY64 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Infineon Technologies A...
BFY640 INFINEON-BFY640 Datasheet
136Kb / 3P
   HiRel NPN Silicon Germanium RF Transistor
V1, June 2010
BFY640B INFINEON-BFY640B Datasheet
136Kb / 3P
   HiRel NPN Silicon Germanium RF Transistor
V1, June 2010
More results

Podobny opis - BFY64

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SF_BUX66 SEME-LAB-SF_BUX66 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_2N6468 SEME-LAB-SF_2N6468 Datasheet
10Kb / 1P
   Bipolar PNP Device
SF_BDX16A SEME-LAB-SF_BDX16A Datasheet
11Kb / 1P
   Bipolar PNP Device
BDX86 SEME-LAB-BDX86 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_2N6467 SEME-LAB-SF_2N6467 Datasheet
10Kb / 1P
   Bipolar PNP Device
SF_BDX66 SEME-LAB-SF_BDX66 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_2N4928 SEME-LAB-SF_2N4928 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_2N5333 SEME-LAB-SF_2N5333 Datasheet
11Kb / 1P
   Bipolar PNP Device
2N5613 SEME-LAB-2N5613 Datasheet
11Kb / 1P
   Bipolar PNP Device
2N6227 SEME-LAB-2N6227 Datasheet
11Kb / 1P
   Bipolar PNP Device
SF_BDW52 SEME-LAB-SF_BDW52 Datasheet
11Kb / 1P
   Bipolar PNP Device
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com