Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD-HD2X Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions

Numer części CD-HD2X
Szczegółowy opis  Surface Mount Schottky Bridge Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD-HD2X Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions

  CD-HD2X Datasheet HTML 1Page - Bourns Electronic Solutions CD-HD2X Datasheet HTML 2Page - Bourns Electronic Solutions CD-HD2X Datasheet HTML 3Page - Bourns Electronic Solutions CD-HD2X Datasheet HTML 4Page - Bourns Electronic Solutions CD-HD2X Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
RoHScompliant*
n
Lowpowerlossandhighefficiency
n
Highcurrentcapability
n
Lowprofilepackage
Applications
n
ACoperatedproducts
n
Computermonitors
n
Set-topboxes
n
Cablemodems
CD-HD2x(L)SeriesSurfaceMountSchottkyBridgeRectifierDiode
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
General Information
The markets of portable communications, computing and video equipment are challenging the
semiconductor industry to develop increasingly smaller electronic components.
Bourns offers Schottky Bridge Rectifier Diodes for rectification applications in a compact chip
package 0.24 ˝ x 0.19 ˝ size format, which offers PCB real estate savings and are considerably
smaller than standard parts. The Schottky Bridge Rectifier Diodes offer a forward
current of 2 A with a choice of repetitive peak reverse voltages between 40 V and 100 V.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-HD2x(L)
Unit
Test Conditions
Min.
Typ.
Max.
Instantaneous Forward Voltage
VF
IF = 2 A
CD-HD2004
0.49
0.5
V
CD-HD2006
0.60
0.70
CD-HD201
0.75
0.85
CD-HD2006L
0.50
0.55
CD-HD201L
0.74
0.80
Repetitive Peak Reverse Current
IRRM VR = VRRM
TA = +25 °C
CD-HD2004
0.025
0.20
mA
CD-HD2006
0.025
0.20
CD-HD201
0.025
0.20
CD-HD2006L
0.03
0.2
CD-HD201L
0.001
0.10
Junction Capacitance
CJ
VR = 4 V,
f = 1.0 MHz CD-HD2x(L)x
250
pF
Thermal Resistance, Junction to Air
Rth(JA)
Junction to
Ambient
(NOTE 1)
CD-HD2004
110
°C / W
CD-HD2006
110
CD-HD201
110
CD-HD2006L
110
CD-HD201L
146
Thermal Resistance, Junction to Lead
Rth(JC)
Junction to
Lead
(NOTE 1)
CD-HD2004
15
°C / W
CD-HD2006
15
CD-HD201
15
CD-HD2006L
15
CD-HD201L
30
NOTE 1: Measured when mounted on PCB with 5.0 mm x 5.0 mm (0.2 “ x 0.2 “) copper pad areas.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD-
Unit
HD2004
HD2006
HD201
HD2006L
HD201L
Maximum Repetitive
Peak Reverse Voltage
VRRM
40
60
100
60
100
V
Maximum Average Forward Rectified
Current (TA = 55 °C)
IF(AV)
2.0
A
Peak Forward Surge Current 8.3 ms
Single Half Sine-Wave Superimposed
on Rated Load (JEDEC Method)
IFSM
50.0
60.0
A
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +125
°C
4
1
+
3
~
2
~


Podobny numer części - CD-HD2X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD-HD2x(L)x BOURNS-CD-HD2x(L)x Datasheet
298Kb / 5P
   RoHS compliant*
CD-HD2XL BOURNS-CD-HD2XL Datasheet
175Kb / 6P
   CD-HD2x(L) Series Surface Mount Schottky Bridge Rectifier Diode
REV. 09/20
More results

Podobny opis - CD-HD2X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
   Surface Mount Schottky Bridge Rectifier Diode
logo
Nanjing International G...
MB22S DGNJDZ-MB22S Datasheet
594Kb / 2P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Formosa MS
KBM12F FORMOSA-KBM12F Datasheet
947Kb / 2P
   Surface Mount Schottky Bridge Rectifier
logo
Diotech Company.
MB22S DIOTECH-MB22S Datasheet
877Kb / 2P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
MB12S DIOTECH-MB12S Datasheet
762Kb / 2P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
logo
Bourns Electronic Solut...
CD-MBL2XXS BOURNS-CD-MBL2XXS Datasheet
282Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXS BOURNS-CD-MBL1XXS Datasheet
281Kb / 4P
   Surface Mount Bridge Rectifier Diode
CDTO269-BR1XL BOURNS-CDTO269-BR1XL Datasheet
407Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-DF4XXS BOURNS-CD-DF4XXS Datasheet
279Kb / 4P
   Surface Mount Bridge Rectifier Diode
CD-MBL1XXSL BOURNS-CD-MBL1XXSL Datasheet
313Kb / 4P
   Surface Mount Bridge Rectifier Diode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com