Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UCS1002-1-BP-TR Arkusz danych(PDF) 1 Page - Microchip Technology

Numer części UCS1002-1-BP-TR
Szczegółowy opis  Programmable USB Port Power Controller with Charger Emulation
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1-BP-TR Arkusz danych(HTML) 1 Page - Microchip Technology

  UCS1002-1-BP-TR Datasheet HTML 1Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 2Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 3Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 4Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 5Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 6Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 7Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 8Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
SMSC UCS1002
Revision 1.4 (07-16-13)
DATASHEET
Datasheet
PRODUCT FEATURES
UCS1002-1
Programmable USB Port Power Controller
with Charger Emulation
General Description
The UCS1002 provides a USB port power switch for
precise control of up to 2.5 amperes continuous current
with over-current limit (OCL), dynamic thermal
management, latch or auto-recovery (low test current)
fault handling, selectable active low or high enable,
under- and over-voltage lockout, back-drive protection,
and back-voltage protection.
Split supply support for VS and VDD is an option for low
power in system standby states. This gives battery
operated applications, like notebook PCs, the ability to
detect attachments from a sleep or off state. After the
Attach Detection is flagged, the system can decide to
wake up and/or provide charging.
In addition to power switching and current limiting
modes, the UCS1002 will automatically charge a wide
variety of portable devices, including USB-IF BC1.2,
YD/T-1591 (2009), most Apple® and RIM®, and many
others. Nine preloaded charger emulation profiles
maximize compatibility coverage of peripheral devices.
As well, a customizable charger emulation profile is
available to accommodate unique existing and future
portable device handshaking / signature requirements.
This custom profile uses a unique stimulus and
response method referenced below.*
The UCS1002 also provides current monitoring to allow
intelligent management of system power and a Battery
Full option for controlled delivery of current regardless
of the host power state. This is especially important for
battery operated applications that want to provide power
in a standby and/or off state but do not want to drain the
battery excessively.
The UCS1002 is available in a 20-pin QFN 4 mm x
4 mm package.
Applications
Notebook and Netbook Computers
Tablets and E-book readers
Desktops and Monitors
Docking Stations and Printers
AC-DC wall adapters
Features
Port power switch with two current limit behaviors
— 2.9 V to 5.5 V source voltage range
— Up to 2.5 A current with 55 m
Ω On Resistance
— Over-current trip or constant current limiting
— Soft turn-on circuitry
— Programmable current limit
— Dynamic thermal management
— Under- and over-voltage lockout
— Back-drive, back-voltage protection
— Latch or auto-recovery (low test current) fault handling
— Selectable active high or low power switch enable
— BC1.2 VBUS discharge port renegotiation function
Selectable / automatic cycling of USB data line
charger emulation profiles
— Customizable emulation profile uses a unique stimulus
and response method useful for future profiles*
— Supports charger emulation
— Allows for active cables
— USB-IF BC1.2 charging downstream port (CDP) &
dedicated charging port (DCP) modes, YD/T-1591, and
most Apple and RIM protocols standard; others as
defined via the SMBus 2.0 / I2C®
— USB 2.0 compliant high-speed data switch (in Pass-
through and CDP modes)
— Nine preloaded charger emulation profiles for maximum
compatibility coverage of peripheral devices
— One custom programmable charger emulation profile
for portable device support for fully host controlled
charger emulation
Fault Alert open-drain output
Self-contained current monitoring
Low power Attach Detection and open-drain A_DET#
pin
Ultra low power Sleep state
Optional split supply support for VBUS and VDD for
low power in system standby states
Wake on Attach USB
SMBus 2.0 / I2C communications
— Supports Block Write and Read
— Multiple SMBus addresses
Wide operating temperature range: -40 °C to +85 °C
IEC61000-4-2 8 / 15 kV ESD immunity
UL recognized and EN/IEC 60950-1 (CB) certified
* Unique technology covered under the following US patents pending: 13/109,446; 13/149,529; 13/173,287; 13/233,949; 13/157,282;
12/978,371; 13/232,965.


Podobny numer części - UCS1002-1-BP-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
UCS1002-1-BP-TR SMSC-UCS1002-1-BP-TR Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
More results

Podobny opis - UCS1002-1-BP-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1003-1 MICROCHIP-UCS1003-1 Datasheet
1Mb / 138P
   USB Port Power Controller with Charger Emulation
07/14/15
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
   Automotive USB Port Power Controller with Charger Emulation
03/25/14
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
   Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com