Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC00 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC74AC00
Szczegółowy opis  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC00 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC74AC00 Datasheet HTML 1Page - ON Semiconductor MC74AC00 Datasheet HTML 2Page - ON Semiconductor MC74AC00 Datasheet HTML 3Page - ON Semiconductor MC74AC00 Datasheet HTML 4Page - ON Semiconductor MC74AC00 Datasheet HTML 5Page - ON Semiconductor MC74AC00 Datasheet HTML 6Page - ON Semiconductor MC74AC00 Datasheet HTML 7Page - ON Semiconductor MC74AC00 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 10
1
Publication Order Number:
MC74AC00/D
MC74AC00, MC74ACT00
Quad 2-Input NAND Gate
High−Performance Silicon−Gate CMOS
Features
Output Drive Capability: $24 mA
Operating Voltage Range: 2 to 6 V AC00; 4.5 to 5.5 ACT00
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance With the JEDEC Standard No. 7A Requirements
Chip Complexity: 32 FETs
These are Pb−Free Devices
3
Y1
1
A1
PIN 14 = VCC
PIN 7 = GND
Figure 1. Logic Diagram
2
B1
6
Y2
4
A2
5
B2
8
Y3
9
A3
10
B3
11
Y4
12
A4
13
B4
Y = AB
Figure 2. Pinout: 14−Lead Packages (Top View)
13
14
12
11
10
9
8
2
1
3
4567
VCC
B4
A4
Y4
B3
A3
Y3
A1
B1
Y1
A2
B2
Y2
GND
MARKING
DIAGRAMS
xxx
= AC or ACT
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W = Work Week
G or
G
= Pb−Free Package
TSSOP−14
DT SUFFIX
CASE 948G
xxx
00
ALYW
G
G
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
1
14
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
H
H
H
L
Y
www.onsemi.com
xxx00G
AWLYWW
1
14
(Note: Microdot may be in either location)


Podobny numer części - MC74AC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC00 MOTOROLA-MC74AC00 Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
logo
Motorola, Inc
MC74AC00D MOTOROLA-MC74AC00D Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00D ONSEMI-MC74AC00D Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00DG ONSEMI-MC74AC00DG Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
More results

Podobny opis - MC74AC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com