Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74VHC1GT02DFT1G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części M74VHC1GT02DFT1G
Szczegółowy opis  Single 2-Input NOR Gate/ CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT02DFT1G Arkusz danych(HTML) 3 Page - ON Semiconductor

  M74VHC1GT02DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT02DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT02DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT02DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT02DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT02DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1GT02
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
−55
≤ TA ≤ 125°C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High−Level
Input Voltage
3.0
4.5
5.5
1.4
2.0
2.0
1.4
2.0
2.0
1.4
2.0
2.0
V
VIL
Maximum Low−Level
Input Voltage
3.0
4.5
5.5
0.53
0.8
0.8
0.53
0.8
0.8
0.53
0.8
0.8
V
VOH
Minimum High−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOH = −50 mA
3.0
4.5
2.9
4.4
3.0
4.5
2.9
4.4
2.9
4.4
V
VIN = VIH or VIL
IOH = −4 mA
IOH = −8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
V
VOL
Maximum Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 50 mA
3.0
4.5
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
1.0
20
40
mA
ICCT
Quiescent Supply
Current
Per Input: VIN = 3.4 V
Other Input: VCC or
GND
5.5
1.35
1.50
1.65
mA
IOFF
Power Off Output
Leakage Current
VOUT = 5.5 V
0.0
0.5
5.0
10
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
Symbol
Parameter
Test Conditions
TA = 25°C
TA ≤ 85°C
−55
≤ TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Maximum Propagation
Delay, Input A or B to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
CL = 50 pF
4.5
5.8
10.0
13.5
11.0
15.0
13.0
17.5
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
CL = 50 pF
3.0
3.8
6.7
7.7
7.5
8.5
8.5
9.5
CIN
Maximum Input
Capacitance
5.5
10
10
10
pF
CPD
Power Dissipation Capacitance (Note 6)
Typical @ 25
°C, VCC = 5.0 V
pF
11
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Podobny numer części - M74VHC1GT02DFT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
M74VHC1GT02DFT1G ONSEMI-M74VHC1GT02DFT1G Datasheet
73Kb / 6P
   Single 2?묲nput NOR Gate/CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 11
M74VHC1GT02DFT1G ONSEMI-M74VHC1GT02DFT1G Datasheet
206Kb / 14P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 19
M74VHC1GT02DFT1G ONSEMI-M74VHC1GT02DFT1G Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
M74VHC1GT02DFT1G-L22038 ONSEMI-M74VHC1GT02DFT1G-L22038 Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
More results

Podobny opis - M74VHC1GT02DFT1G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
   2-input NOR Gate / CMOS Logic Level Shifter
logo
E-Tech Electronics LTD
MC74VHC1GT02 ETL-MC74VHC1GT02 Datasheet
558Kb / 4P
   2-Input NOR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
   2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
logo
Texas Instruments
SN74LV1T02_1809 TI1-SN74LV1T02_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T02 TI1-SN74LV1T02 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT02A RENESAS-HD74LV1GT02A_15 Datasheet
137Kb / 9P
   2?밿nput NOR Gate / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T02 TI1-SN74LV1T02_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
MC74VHC1GT00DFT2G ONSEMI-MC74VHC1GT00DFT2G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate/ CMOS Logic Level Shifter
May, 2011 ??Rev. 12
NL17SHT00 ONSEMI-NL17SHT00 Datasheet
103Kb / 5P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com