Zakładka z wyszukiwarką danych komponentów |
|
0001.1012.TR Arkusz danych(PDF) 3 Page - Schurter Inc. |
|
0001.1012.TR Arkusz danych(HTML) 3 Page - Schurter Inc. |
3 / 3 page 3 Non resettable fuses SP 5x20 Pigtail www.schurter.com /PG01_2 Fuses Rated Cur- rent [A] Rated Vol- tage [VAC] Breaking Capacity Voltage Drop 1.0 In max. [mV] Voltage Drop 1.0 In typ. [mV] Power Dissi- pation 1.5 In max. [mW] Power Dissi- pation 1.5 In typ. [mW] Melting I²t 10.0 Intyp. [A²s] Order Number 5 250 1) 250 160 4000 2400 30.8 l 0001.1011.PT 5 250 1) 250 160 4000 2400 30.8 l 0001.1011.TR 6.3 250 1) 200 150 4000 3200 36.7 l 0001.1012.PT 6.3 250 1) 200 150 4000 3200 36.7 l 0001.1012.TR 8 250 1) 200 140 4000 3900 81.9 l 0001.1013.PT 8 250 1) 200 140 4000 3900 81.9 l 0001.1013.TR 10 250 1) 200 130 4000 4700 141 l 0001.1014.PT 10 250 1) 200 130 4000 4700 141 l 0001.1014.TR 12.5 250 2) - 110 - 6900 203 l 0001.1015.PT 12.5 250 2) - 110 - 6900 203 l 0001.1015.TR 16 250 2) - 120 - 7400 461 l 0001.1016.PT 16 250 2) - 120 - 7400 461 l 0001.1016.TR Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER 1) IEC: H = 1500 A @ 250 VAC, p.f. = 0.7 - 0.8 1) UL: 10 kA @ 125 VAC, p.f. = 0.7 - 0.8 / 1500 A @ 250 VAC, p.f. = 0.7 - 0.8 2) IEC: 1000 A @ 250 VAC 2) UL: 500 A @ 125 VAC, p.f. = 0.7 - 0.8 / 1000 A @ 125 VAC / 500 A @ 250 VAC Packaging Unit .xx = .PT Bulk (1000 pcs.) .xx = .TR Taped 33 cm Reel (1000 pcs.) The specifications, descriptions and illustrations indicated in this document are based on current information. All content is subject to modifications and amendments. Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability and test each product selected for their own applications. |
Podobny numer części - 0001.1012.TR |
|
Podobny opis - 0001.1012.TR |