Zakładka z wyszukiwarką danych komponentów |
|
M050221 Arkusz danych(PDF) 1 Page - E-SWITCH |
|
M050221 Arkusz danych(HTML) 1 Page - E-SWITCH |
|
1 / 1 page TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY R5BBLKYELGF2 1:1 3/21/2011 M050221 F BA 1 1 2a 2 21 RECOMMENDED PANEL MOUNTING 0.75-1.25 PANEL THICKNESS 1.25-2.00 2.00-3.00 30.6-30.8 30.2-30.4 30.0-30.2 X 32.10 [1.264 in] 25.20 [.992 in] 20.70 [.815 in] 36.00 [1.417 in] 19.50 [.768 in] 3.75 [.148 in] 9.60 [.378 in] 6.35 [.250 in] 27.20 [1.071 in] 17.20 [.677 in] YELLOW ACTUATOR E 19771 UPDATE / CONVERT TO INVENTOR 03/21/11 BMA 1 2 1a 2a CIRCUIT: DPST ON-OFF 6.90 [.272 in] 2.00 [.079 in] .80 [.031 in] 11.40 [.449 in] 11.00 [.433 in] 21.70 [.854 in] X 22.25 `.05 .876 `.002 in [] NOTES: 1. ALL DIMENSIONS IN MM [INCH] 2. GENERAL TOLERANCE: X.X=±0.4 X.XX=±0.25 3. TERM. NOS. FOR REF. ONLY 4. RATING: 20A @125VAC 3/4HP UL APPROVED 16A @250VAC 1HP UL APPROVED 16A @ 250VAC 1HP VDE APPROVED 5. ELECTRICAL LIFE: 10,000 CYCLES 6. MECHANICAL LIFE: 30,000 CYCLES 7. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL 8. DIELECTRIC STRENGTH: >1,500V AC 1MIN 9. INSULATION RESISTANCE: >1000MOHMS 10. OPERATING TEMP: TERMINAL SIDE: -20°C to 85°C ROCKER SIDE: -20°C to 55°C 11. LAMP: NEON 250V AC 12. DENOTES CRITICAL PARAMETER. 13. 2002/95/EC (ROHS) COMPLIANT POS. 1 POS. 2 POS. 3 SWITCH FUNCTION NONE OFF ON OPEN N/A 1-1a, 2-2a POSITION 3 POSITION 1 BLACK HOUSING F 20140 ADD HP RATING 08/31/11 BMA F WHITE GRAPHICS |
Podobny numer części - M050221 |
|
Podobny opis - M050221 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |