Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX92215 Arkusz danych(PDF) 5 Page - Melexis Microelectronic Systems

Numer części MLX92215
Szczegółowy opis  3-Wire Hall Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92215 Arkusz danych(HTML) 5 Page - Melexis Microelectronic Systems

  MLX92215 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92215 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MLX92215-AAA
3-Wire Hall Effect Latch
390109221501
Page 5 of 13
Datasheet
Rev. 001
www.melexis.com
NOV/14
6 Magnetic Specifications
6.1 MLX92215LSE-AAA-000
DC Operating Parameters VDD = 3.8 to 24V, Ta = -40°C to 150°C
Test Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Active Pole
Min
Typ
(1)
Max
Min
Typ
(10)
Max
Typ
(1)
TJ = -40°C
1
3.2
5
-5
-3.2
-1
-1100
South Pole
TJ = 25°C
1
3
5
-5
-3.0
-1
TJ = 150°C
0.5
2.6
5
-5
-2.6
-0.5
6.2 MLX92215LUA-AAA-000
DC Operating Parameters VDD = 3.8 to 24V, Ta = -40°C to 150°C
Test Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Active Pole
Min
Typ
(1)
Max
Min
Typ
(10)
Max
Typ
(1)
TJ = -40°C
1
3.2
5
-5
-3.2
-1
-1100
South Pole
TJ = 25°C
1
3
5
-5
-3.0
-1
TJ = 150°C
0.5
2.6
5
-5
-2.6
-0.5
6.3 MLX92215LSE-ACA-000
DC Operating Parameters VDD = 3.8 to 24V, Ta = -40°C to 150°C
Test Condition
Operating Point
BOP (mT)
Release Point
BRP (mT)
TC
(ppm/
oC)
Active Pole
Min
Typ
(1)
Max
Min
Typ
(10)
Max
Typ
(1)
TJ = -40°C
1.2
3.2
5.5
-5.5
-3.2
-1.2
-2000
North Pole
TJ = 25°C
1.0
2.8
4.7
-4.7
-2.8
-1.0
TJ = 150°C
0.5
2.1
4.2
-4.2
-2.1
-0.5
7 Output Behaviour versus Magnetic Pole
7.1 South Pole Active
DC Operating Parameters TA = -40
oC to 150oC, V
DD = 2.7V to 24V (unless otherwise specified)
Parameter
Test Conditions
OUT
South pole
B > BOP
Low (VDSon)
North pole
B < BRP
High (VPU)
(2)
1 Typical values are defined at T
A = +25°C and VDD = 12V, unless otherwise specified
2 Default Output state during power-up


Podobny numer części - MLX92215

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

Podobny opis - MLX92215

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com