Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX92213ELDAAA-000RE Arkusz danych(PDF) 8 Page - Melexis Microelectronic Systems

Numer części MLX92213ELDAAA-000RE
Szczegółowy opis  MicroPower & Low-Voltage Hall Effect Latch with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92213ELDAAA-000RE Arkusz danych(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX92213ELDAAA-000RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92213ELDAAA-000RE Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
390109221302
Rev 003
Page 8 of 11
Data Sheet
Mar/12
MLX92213
MicroPower & Low-Voltage
Hall Effect Latch with Enable
11 Performance Graphs
11.1 Magnetic Threshold vs. Temperature
11.2 Magnetic Threshold vs. Supply Voltage
4.0
4.0
2.0
2.0
0.0
0.0
-2.0
-2.0
-4.0
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
TEMP [DegC]
Bop @3V
Brp @3V
-4.0
1
1.5
2
2.5
3
3.5
4
VDD [V]
Bop @25degC
Brp @25degC
11.3 Average Supply Current vs. Temperature
11.4 Average Supply Current vs. Supply Voltage
60
60
50
50
40
40
30
30
20
20
10
10
0
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
TEMP [DegC]
1.8
3
0
1
1.5
2
2.5
3
3.5
4
VDD [V]
-40
25
85
11.5 Supply Current vs. Temperature
11.6 Supply Current vs. Supply Voltage
5
5
4
4
3
3
2
2
1
1
0
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
TEMP [DegC]
IDDaw (mA @3V)
IDDsl (uA @3V)
IDDsb (uA @3V)
0
1
1.5
2
2.5
3
3.5
4
VDD [V]
IDDaw (mA @25degC)
IDDsl (uA @25degC)
IDDsb (uA @25degC)


Podobny numer części - MLX92213ELDAAA-000RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

Podobny opis - MLX92213ELDAAA-000RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Feeling Technology Corp...
FS177 FEELING-FS177 Datasheet
225Kb / 10P
   Low Voltage Hall Effect Latch
logo
List of Unclassifed Man...
US3881 ETC-US3881 Datasheet
117Kb / 6P
   CMOS Low Voltage Hall Effect Latch
logo
Texas Instruments
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Voltage, Digital-Latch Hall Effect Sensor
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Unisonic Technologies
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com