Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX92215LSE-ACA-000-RE Arkusz danych(PDF) 3 Page - Melexis Microelectronic Systems

Numer części MLX92215LSE-ACA-000-RE
Szczegółowy opis  3-Wire Hall Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92215LSE-ACA-000-RE Arkusz danych(HTML) 3 Page - Melexis Microelectronic Systems

  MLX92215LSE-ACA-000-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92215LSE-ACA-000-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92215LSE-ACA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92215LSE-ACA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92215LSE-ACA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92215LSE-ACA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92215LSE-ACA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92215LSE-ACA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92215LSE-ACA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MLX92215-AAA
3-Wire Hall Effect Latch
390109221501
Page 3 of 13
Datasheet
Rev. 001
www.melexis.com
NOV/14
3 Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
TSOT
Thin Small Outline Transistor (TSOT package) – also referred with the Melexis package
code “SE”
ESD
Electro-Static Discharge
4 Absolute Maximum Ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability.
1 The maximum junction temperature should not be exceeded
2 For maximum 1 hour
3 For maximum 0.5 s
4 Including current through protection device
5 Through protection device
6 For V
OUT≤27V.
7 For 1000 hours.
8 Human Model according AEC-Q100-002 standard
9 Machine Model according AEC-Q100-003 standard
10 Charged Device Model according AEC-Q100-011 standard
Parameter
Symbol
Value
Units
Supply Voltage
(1, 2)
VDD
+27
V
Supply Voltage (Load dump)
(1, 3)
VDD
+32
V
Supply Current
(1, 2, 4)
IDD
+20
mA
Supply Current
(1, 3, 4 )
IDD
+50
mA
Reverse Supply Voltage
(1, 2)
VDDREV
-24
V
Reverse Supply Voltage (Load
dump)
(1, 3)
VDDREV
-30
V
Reverse Supply Current
(1, 2, 5)
IDDREV
-20
mA
Reverse Supply Current
(1, 3, 5)
IDDREV
-50
mA
Output Voltage
(1, 2)
VOUT
+27
V
Output Current
(1, 2, 5)
IOUT
+20
mA
Output Current
(1, 3, 6)
IOUT
+75
mA
Reverse Output Voltage
(1)
VOUTREV
-0.5
V
Reverse Output Current
(1, 2)
IOUTREV
-50
mA
Operating Temperature Range
TA
-40 to +150
C
Storage Temperature Range
TS
-55 to +165
C
Maximum Junction Temperature
(7)
TJ
+165
C
ESD Sensitivity
– HBM
(8)
-
4000
V
ESD Sensitivity
– MM
(9)
-
500
V
ESD Sensitivity
– CDM
(10)
-
1000
V
Magnetic Flux Density
B
Unlimited
mT


Podobny numer części - MLX92215LSE-ACA-000-RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

Podobny opis - MLX92215LSE-ACA-000-RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com