Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX92212LSE-AAA-000-RE Arkusz danych(PDF) 5 Page - Melexis Microelectronic Systems

Numer części MLX92212LSE-AAA-000-RE
Szczegółowy opis  3-Wire Hall Effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92212LSE-AAA-000-RE Arkusz danych(HTML) 5 Page - Melexis Microelectronic Systems

  MLX92212LSE-AAA-000-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92212LSE-AAA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MLX92212LSE
3-Wire Hall Effect Latch / Switch
390109221203 – REV 2
Page 5 of 12
Oct/13
7 Magnetic Specification
7.1 MLX92212LSE-AAA-000-RE
DC Operating Parameters TA = -40 upto 150
oC, V
DD = 2.5V to 5.5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
TA = -40°C
0.6
2.1
3.8
mT
TA = 25°C
0.6
2.0
3.8
mT
TA = 150°C
0.6
1.9
3.8
mT
Release Point
BRP
TA = -40°C
-3.8
-2.1
-0.6
mT
TA = 25°C
-3.8
-2.0
-0.6
mT
TA = 150°C
-3.8
-1.9
-0.6
mT
Hysteresis
BHYST
TA = -40°C
1.7
4.2
6.8
mT
TA = 25°C
1.7
4
6.8
mT
TA = 150°C
1.7
3.8
6.8
mT
Table 4: Magnetic specifications
7.2 MLX92212LSE-ABA-000-RE
DC Operating Parameters, TA = -40 upto 150
oC, V
DD = 2.5V to 5.5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
TA = -40°C
9.2
12.7
16.6
mT
TA = 25°C
9.4
12.2
15.4
mT
TA = 85°C
9.2
12.3
15.4
mT
TA = 125°C
8.8
12.4
16.0
mT
TA = 150°C
8.2
12.5
16.8
mT
Release Point
BRP
TA = -40°C
7.6
11
14.4
mT
TA = 25°C
7.8
10.5
13.4
mT
TA = 85°C
7.8
10.6
13.4
mT
TA = 125°C
7.4
10.7
13.9
mT
TA = 150°C
6.8
10.8
14.8
mT
Table 5: Magnetic specifications


Podobny numer części - MLX92212LSE-AAA-000-RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211LSE-AAA-000-RE MELEXIS-MLX92211LSE-AAA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211LSE-ACA-000-RE MELEXIS-MLX92211LSE-ACA-000-RE Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
More results

Podobny opis - MLX92212LSE-AAA-000-RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211 MELEXIS-MLX92211 Datasheet
911Kb / 13P
   3-Wire Hall Effect Latch
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92231 MELEXIS-MLX92231 Datasheet
770Kb / 12P
   3-Wire Hall Effect Switch
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com